Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 302 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 302 Page - Texas Instruments

Back Button AM69 Datasheet HTML 298Page - Texas Instruments AM69 Datasheet HTML 299Page - Texas Instruments AM69 Datasheet HTML 300Page - Texas Instruments AM69 Datasheet HTML 301Page - Texas Instruments AM69 Datasheet HTML 302Page - Texas Instruments AM69 Datasheet HTML 303Page - Texas Instruments AM69 Datasheet HTML 304Page - Texas Instruments AM69 Datasheet HTML 305Page - Texas Instruments AM69 Datasheet HTML 306Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 312 page
background image
Changes from December 16, 2023 to June 30, 2024 (from Revision B (DECEMBER 2023) to
Revision C (JUNE 2024))
Page
• Global: Updated/Changed the document product status from "Production Data" to "Production Data Mixed"
("AND" MECH variant package is "Advance Information").................................................................................1
• Global: Added the "AND" 27mm × 27mm MECH variant package support data (ADVANCE INFORMATION) 1
• Global: Deleted the VPFE subsection from Detailed Description section as not applicable to this device....... 1
• (Features): Added MECH package "AND", 1063-pin count, 27mm square, 16-nmFinFET technology bullets
(new)...................................................................................................................................................................1
• (Features): Deleted the "OLDI/LVDS (4 lanes - 2x) and 24-bit RGB parallel interface" bullet under the Display
subsystem supports: ..........................................................................................................................................1
• (Features): Updated/Changed the "Support for 1,2,3, or 4 data lane mode up to ..." bullet from "1.5Gbps" to
"2.5Gbps"............................................................................................................................................................1
• (Device Comparison): Added "AM69A94 (27MM)" and "AM6954 (27MM)" columns and supported features... 6
• (Device Comparison): Updated/changed the Ethernet Interfaces SERDES features and associated footnotes
to clarify the 27MM package columns and supported features additions...........................................................6
• (Device Comparison): Added separate MECHANICAL PACKAGES rows.........................................................6
• (Device Comparison): Added a cross-reference and associated footnote to the Arm A72 Quad Core devices.6
• (Device Comparison): Added a cross-reference to the "Deep Learning Accelerator (32 TOPS)" row for the
AM69A94 device.................................................................................................................................................6
• (Terminal Configuration and Functions/Pin Diagrams): Added pin diagrams and descriptions for both "ALY"
and "AND" packages (Top View)........................................................................................................................ 9
• (Terminal Configuration and Functions/Pin Attributes): Updated/Changed table to include "AND" package
data (new)...........................................................................................................................................................9
• (Terminal Configuration and Functions/Signal Descriptions): Updated/Changed tables to support, where
applicable, "AND" package data (new)...............................................................................................................9
• (Thermal Resistance Characteristics for AND Package): Added new section............................................... 155
• (OSC1 Crystal Electrical Characteristics Table): Updated OSC1 frequencies from finite values to a range from
19.2 MHz to 27 MHz.......................................................................................................................................186
• (Power Distribution Network Implementation Guidance): Updated/Changed the user's guide doc title and ulink
association......................................................................................................................................................290
• (Reset): Added description for four reset pins and two reset status pins....................................................... 290
• (Hardware Design Guide): Added brief description on the design guide use case........................................ 290
• (Device Naming Convention): Updated/Changed the Package Designator for "ALY" to "ALY FCBGA-N1414
(31mm x 31mm) Package"............................................................................................................................. 300
• (Device Naming Convention): Added new Package Designator row for "AND", "AND FCBGA-N1063 (27mm x
27mm) Package (Advance Information)"........................................................................................................300
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
302
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com