Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 306 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 306 Page - Texas Instruments

Back Button AM69 Datasheet HTML 302Page - Texas Instruments AM69 Datasheet HTML 303Page - Texas Instruments AM69 Datasheet HTML 304Page - Texas Instruments AM69 Datasheet HTML 305Page - Texas Instruments AM69 Datasheet HTML 306Page - Texas Instruments AM69 Datasheet HTML 307Page - Texas Instruments AM69 Datasheet HTML 308Page - Texas Instruments AM69 Datasheet HTML 309Page - Texas Instruments AM69 Datasheet HTML 310Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 312 page
background image
www.ti.com
PACKAGE OUTLINE
C
3.341
3.023
0.5
0.3
TYP
29.6
TYP
29.6 TYP
0.8 TYP
0.8 TYP
1414X
0.55
0.45
B
31.1
30.9
A
31.1
30.9
(0.7) TYP
(0.7) TYP
(
24.6)
(
22)
(
30.6)
(1.94)
(0.842)
FCBGA - 3.341 mm max height
ALY1414A
BALL GRID ARRAY
4228539/B 04/2022
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
0.1 C
SEATING PLANE
0.15 C
0.2 C
1 2 3
0.25
C A B
0.1
C
PKG
PKG
4 5 6 7 8 9 10
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
AB
AC
AD
AE
AF
AG
AH
AJ
AK
AL
AM
AN
AP
AR
AT
AU
AV
SCALE 0.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com