Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 293 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 293 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 289Page - Texas Instruments TDA4VM21 Datasheet HTML 290Page - Texas Instruments TDA4VM21 Datasheet HTML 291Page - Texas Instruments TDA4VM21 Datasheet HTML 292Page - Texas Instruments TDA4VM21 Datasheet HTML 293Page - Texas Instruments TDA4VM21 Datasheet HTML 294Page - Texas Instruments TDA4VM21 Datasheet HTML 295Page - Texas Instruments TDA4VM21 Datasheet HTML 296Page - Texas Instruments TDA4VM21 Datasheet HTML 297Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 331 page
background image
7 Detailed Description
7.1 Overview
The TDA4VM processor family is based on the evolutionary Jacinto 7 architecture, targeted at ADAS and
Autonomous Vehicle (AV) applications and built on extensive market knowledge accumulated over a decade
of TI’s leadership in the ADAS processor market. The TDA4VM provides high performance compute for both
traditional and deep learning algorithms at industry leading power/performance ratios with a high level of system
integration to enable scalability and lower costs for advanced automotive platforms supporting multiple sensor
modalities in centralized ECUs or stand-alone sensors. Key cores include next generation DSP with scalar and
vector cores, dedicated deep learning and traditional algorithm accelerators, latest Arm and GPU processors
for general compute, an integrated next generation imaging subsystem (ISP), video codec, Ethernet hub and
isolated MCU island. All protected by automotive grade safety and security hardware accelerators.
Note
For more information on features, subsystems, and architecture of superset device System on Chip
(SoC), see the device TRM.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
293
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com