Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 294 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 294 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 290Page - Texas Instruments TDA4VM21 Datasheet HTML 291Page - Texas Instruments TDA4VM21 Datasheet HTML 292Page - Texas Instruments TDA4VM21 Datasheet HTML 293Page - Texas Instruments TDA4VM21 Datasheet HTML 294Page - Texas Instruments TDA4VM21 Datasheet HTML 295Page - Texas Instruments TDA4VM21 Datasheet HTML 296Page - Texas Instruments TDA4VM21 Datasheet HTML 297Page - Texas Instruments TDA4VM21 Datasheet HTML 298Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 331 page
background image
7.2 Processor Subsystems
7.2.1 Arm Cortex-A72
The device implements one dual-core Arm® Cortex®-A72 MPU, which is integrated inside the Compute Cluster,
along with other modules. The Cortex-A72 cores are general-purpose processors that can be used for running
customer applications.
The A72SS is built around the Arm Cortex-A72 MPCore (A72 cluster), which is provided by Arm and configured
by TI. It is based on the symmetric multiprocessor (SMP) architecture, and thus it delivers high performance and
optimal power management and debug capabilities.
The A72 processor is a multi-issue out-of-order superscalar execution engine with integrated L1 instruction and
data caches, compatible with Armv8-A architecture. The Armv8-A architecture brings a number of new features.
These include 64-bit data processing, extended virtual addressing and 64-bit general purpose registers.
For more information, see Dual-A72 MPU Subsystem section in Processors and Accelerators chapter in the
device TRM.
7.2.2 Arm Cortex-R5F
The MCU_ARMSS is a dual-core implementation of the Arm® Cortex®-R5F processor configured for split/lock
operation. It also includes accompanying memories (L1 caches and tightly-coupled memories), standard Arm®
CoreSight™ debug and trace architecture, integrated Vectored Interrupt Manager (VIM), ECC Aggregators, and
various wrappers for protocol conversion and address translation for easy integration into the SoC.
For more information, see Dual-R5F MCU Subsystem section in Processors and Accelerators chapter in the
device TRM.
7.2.3 DSP C71x
The TMS320C71x is the next-generation fixed and floating-point DSP platform. The C71x DSP is a new core in
the Texas Instruments' DSP family. The C71x DSP supports vector signal processing, providing significant lift in
DSP processing power over a broad range of general signal processing tasks in comparison to the C6x DSP
family. In addition, the C71x provides several specialized functions which accelerate targeted functions by more
than 30 times. Besides expanding vector processing capabilities, the new C71x core also incorporates advanced
techniques to improve control code efficiency and ease of programming such as branch prediction, protected
pipeline, precise exception and virtual memory management.
For more information, see C71x DSP Subsystem section in Processors and Accelerators chapter in the device
TRM.
7.2.4 DSP C66x
The C66x subsystem is based on the TI's standard TMS320C66x DSP CorePac module. It includes subsystem
logic to ease the C66x CorePac integration into the SoC, while maximizing software reuse from previous
devices.
The C66x DSP extends the performance of the C64x+ and C674x DSPs through enhancements and new
features. Many of the new features target increased performance for vector processing. The C64x+ and C674x
DSPs support 2-way SIMD operations for 16-bit data and 4-way SIMD operations for 8-bit data. On C66x DSP,
the vector processing capability is improved by extending the width of the SIMD instructions.
The C66x DSP can execute instructions that operate on 128-bit vectors. For example, the QMPY32 instruction
is able to perform the element-to-element multiplication between two vectors of four 32-bit data each. The
C66x DSP also supports SIMD for floating-point operations. Improved vector processing capability (each
instruction can process multiple data in parallel) combined with the natural instruction level parallelism of C6000
architecture (for example, execution of up to eight instructions per cycle) results in a very high level of parallelism
that can be exploited by DSP programmers through the use of TI's optimized C/C++ compiler.
For more information, see C66x DSP Subsystem section in Processors and Accelerators chapter in the device
TRM.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
294
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com