Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 298 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 298 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 294Page - Texas Instruments TDA4VM21 Datasheet HTML 295Page - Texas Instruments TDA4VM21 Datasheet HTML 296Page - Texas Instruments TDA4VM21 Datasheet HTML 297Page - Texas Instruments TDA4VM21 Datasheet HTML 298Page - Texas Instruments TDA4VM21 Datasheet HTML 299Page - Texas Instruments TDA4VM21 Datasheet HTML 300Page - Texas Instruments TDA4VM21 Datasheet HTML 301Page - Texas Instruments TDA4VM21 Datasheet HTML 302Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 331 page
background image
• Digital AVS Voltage
• Analog PHY & CLK Voltages
• Analog Low Voltages
• Efuse Programming Voltages
• LDO Bulk Filter Capacitors
Common device power supply input types can be grouped together into power rails. All power rails must be
supplied by power resources designed to support the most strigent power supply voltage specification and total
load current demands. Two recommended Power Distribution Networks (PDNs) have been defined that either
combine or isolate MCU and Main domains, (refer to Section 8.1, Power Supply Mapping).
It is possible that a few power supply inputs may not be needed in some systems. In such cases, all unused
supply inputs, other than VPP_CORE & VPP_MCU, must be connected to a valid power rail with a proper
voltage level in order to ensure device reliability (refer to Section 6.4, Recommended Operating Conditions). The
following examples are given for reference:
1. If MCU Island safety monitor or MCU Only low power processing are not used, then VDD_MCU supply can
be combined with the VDD_CORE supply with compatible operating voltage specification.
2. If UHS-I SD Card or USB2.0 interface is not needed, then VDDSHV5 (MMC1 interface) and
VDDA_USB_3P3 (USB PHY interface) can be combined with VDD_IO_3V3 digital IO power rail.
3. If General Purpose device type is used, then Efuse programming voltages VPP_CORE & VPP_MCU are not
needed and should be left unconnected.
7.4.5 Peripherals
7.4.5.1 ADC
The Analog-to-Digital Converter (ADC) module contains a single 12-bit ADC which can be multiplexed to any 1
of 8 analog inputs (channels).
For more information, see Analog-to-Digital Converter (ADC) section in Peripherals chapter in the device TRM.
7.4.5.2 ATL
The Audio Tracking Logic (ATL) is used by HD Radio™ applications to synchronize the digital audio output to
the baseband clock. This same IP can also be used generically to track errors between two reference signals
(such as frame syncs) and generate a modulated clock output (using software-controlled cycle stealing) which
averages to some desired frequency. This process can be used as a hardware assist for asynchronous sample
rate conversion algorithms.
For more information, see Audio Tracking Logic (ATL) section in Peripherals chapter in the device TRM.
7.4.5.3 CSI
7.4.5.3.1 Camera Streaming Interface Receiver (CSI_RX_IF) and MIPI DPHY Receiver (DPHY_RX)
The integration of the CSI_RX_IF module allows the device to stream video inputs from multiple cameras to the
image processing accelerator (VPAC) or to internal memory. The video input may also be retransmitted via the
transmitter CSI (CSI_TX_IF) for debug and test purposes.
For more information, see Camera Streaming Interface (CSI) section in Peripherals chapter in the device TRM.
7.4.5.3.2 Camera Streaming Interface Transmitter (CSI_TX_IF)
The integration of the CSI_TX_IF module allows the device to stream out video data from memory, or retransmit
from the CSI receivers as an optional loopback output for diagnostics, debug, and test purposes.
For more information, see Camera Streaming Interface (CSI) section in Peripherals chapter in the device TRM.
7.4.5.4 CPSW2G
The two-port Gigabit Ethernet MAC (MCU_CPSW0) subsystem provides Ethernet packet communication for the
device and is configured in a similar manner as an Ethernet switch. MCU_CPSW0 features the Reduced Gigabit
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
298
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com