Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 297 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 297 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 293Page - Texas Instruments TDA4VM21 Datasheet HTML 294Page - Texas Instruments TDA4VM21 Datasheet HTML 295Page - Texas Instruments TDA4VM21 Datasheet HTML 296Page - Texas Instruments TDA4VM21 Datasheet HTML 297Page - Texas Instruments TDA4VM21 Datasheet HTML 298Page - Texas Instruments TDA4VM21 Datasheet HTML 299Page - Texas Instruments TDA4VM21 Datasheet HTML 300Page - Texas Instruments TDA4VM21 Datasheet HTML 301Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 331 page
background image
7.4 Other Subsystems
7.4.1 MSMC
The
Multicore
Shared
Memory
Controller
(MSMC)
forms
the
heart
of
the
compute
cluster
(COMPUTE_CLUSTER0) providing high-bandwidth resource access both to and from all of the connected
processing elements and the rest of the system. MSMC serves as the data-movement backbone of the compute
cluster.
For more information, see Multicore Shared Memory Controller (MSMC) section in Device Configuration chapter
in the device TRM.
7.4.2 NAVSS
7.4.2.1 NAVSS0
Main SoC Navigator Subsystem (NAVSS0) consists of DMA/Queue Management components – UDMA and
Ring Accelerator (UDMASS), Peripherals (Module subsystem [MODSS]), Virtualization translation (VirtSS), and
a North Bridge (NBSS).
7.4.2.2 MCU_NAVSS
MCU Navigator Subsystem (MCU NAVSS) has a subset of the modules of the main NAVSS and is instantiated
in the MCU domain.
MCU Navigator Subsystem consists of DMA/Queue Management components – UDMA and Ring Accelerator
(UDMASS), and Peripherals (Module subsystem [MODSS]).
For more information, see Main Navigator Subsystem (NAVSS) and MCU Navigator Subsystem (MCU NAVSS)
sections in the device TRM.
7.4.3 PDMA Controller
The Peripheral DMA is a simple DMA which has been architected to specifically meet the data transfer
needs of peripherals, which perform data transfers using memory mapped registers accessed via a standard
non-coherent bus fabric. The PDMA module is intended to be located close to one or more peripherals which
require an external DMA for data movement and is architected to reduce cost by using VBUSP interfaces and
supporting only statically configured Transfer Request (TR) operations.
The PDMA is only responsible for performing the data movement transactions which interact with the peripherals
themselves. Data which is read from a given peripheral is packed by a PDMA source channel into a PSI-L data
stream which is then sent to a remote peer UDMA-P destination channel which then performs the movement of
the data into memory. Likewise, a remote UDMA-P source channel fetches data from memory and transfers it to
a peer PDMA destination channel over PSI-L which then performs the writes to the peripheral.
The PDMA architecture is intentionally heterogeneous (UDMA-P + PDMA) to right size the data transfer
complexity at each point in the system to match the requirements of whatever is being transferred to or
from. Peripherals are typically FIFO based and do not require multi-dimensional transfers beyond their FIFO
dimensioning requirements, so the PDMA transfer engines are kept simple with only a few dimensions (typically
for sample size and FIFO depth), hardcoded address maps, and simple triggering capabilities.
Multiple source and destination channels are provided within the PDMA which allow multiple simultaneous
transfer operations to be ongoing. The DMA controller maintains state information for each of the channels and
employs round-robin scheduling between channels in order to share the underlying DMA hardware.
For more information, see PDMA Controller section in DMA Controllers chapter in the device TRM.
7.4.4 Power Supply
The device requires 6 power supply types and 1 internal LDO connection type, see Power Supply Signal
Descriptions:
• Digital IO Voltages
• Digital Low Voltages
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
297
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com