Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 291 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 291 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 287Page - Texas Instruments TDA4VM21 Datasheet HTML 288Page - Texas Instruments TDA4VM21 Datasheet HTML 289Page - Texas Instruments TDA4VM21 Datasheet HTML 290Page - Texas Instruments TDA4VM21 Datasheet HTML 291Page - Texas Instruments TDA4VM21 Datasheet HTML 292Page - Texas Instruments TDA4VM21 Datasheet HTML 293Page - Texas Instruments TDA4VM21 Datasheet HTML 294Page - Texas Instruments TDA4VM21 Datasheet HTML 295Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 331 page
background image
Table 6-111. JTAG Timing Conditions
PARAMETER
MIN
MAX
UNIT
Input Conditions
SRI
Input slew rate
0.25
2.00
V/ns
Output Conditions
CL
Output load capacitance
5
15
pF
6.9.6.2.1 JTAG Electrical Data and Timing
Section 6.9.6.2.1.1, Section 6.9.6.2.1.2, and Figure 6-122 assume testing over the recommended operating
conditions and electrical characteristic conditions.
6.9.6.2.1.1 JTAG Timing Requirements
See Figure 6-122
NO.
MIN
MAX UNIT
J1
tc(TCK)
Cycle time minimum, TCK
100
ns
J2
tw(TCKH)
Pulse width minimum, TCK high
40
ns
J3
tw(TCKL)
Pulse width minimum, TCK low
40
ns
J4
tsu(TDI-TCK)
Input setup time minimum, TDI valid to TCK high
13
ns
tsu(TMS-TCK)
Input setup time minimum, TMS valid to TCK high
13
ns
J5
th(TCK-TDI)
Input hold time minimum, TDI valid from TCK high
7.7
ns
th(TCK-TMS)
Input hold time minimum, TMS valid from TCK high
7.7
ns
1. The JTAG signals are split across two IO power domains on the device. Timings parameters defined in
this table only apply when the two IO power domains are operating at the same voltage. Values for these
timing parameters are not defined when operating the two IO power domains at different voltages since
propagation delay through the device IO buffers differ when some are operating at 1.8V while others are
operating at 3.3V. This effectively reduces timing margin beyond the values defined in this table. The JTAG
interface is still expected to function when the two IO power domains are operated at different voltages,
assuming the system designer has implemented appropriate level shifters and the operating frequency is
reduced to accommodate additional delay inserted by the level-shifters and IO buffers operating at different
voltages.
6.9.6.2.1.2 JTAG Switching Characteristics
See Figure 6-122
NO.
PARAMETER
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time minimum, TCK low to TDO invalid
0
ns
J7
td(TCKL-TDOV)
Delay time maximum, TCK low to TDO valid
37.75
ns
1. The JTAG signals are split across two IO power domains on the device. Timings parameters defined in
this table only apply when the two IO power domains are operating at the same voltage. Values for these
timing parameters are not defined when operating the two IO power domains at different voltages since
propagation delay through the device IO buffers differ when some are operating at 1.8V while others are
operating at 3.3V. This effectively reduces timing margin beyond the values defined in this table. The JTAG
interface is still expected to function when the two IO power domains are operated at different voltages,
assuming the system designer has implemented appropriate level shifters and the operating frequency is
reduced to accommodate additional delay inserted by the level-shifters and IO buffers operating at different
voltages.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
291
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com