Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 288 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 288 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 284Page - Texas Instruments TDA4VM21 Datasheet HTML 285Page - Texas Instruments TDA4VM21 Datasheet HTML 286Page - Texas Instruments TDA4VM21 Datasheet HTML 287Page - Texas Instruments TDA4VM21 Datasheet HTML 288Page - Texas Instruments TDA4VM21 Datasheet HTML 289Page - Texas Instruments TDA4VM21 Datasheet HTML 290Page - Texas Instruments TDA4VM21 Datasheet HTML 291Page - Texas Instruments TDA4VM21 Datasheet HTML 292Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 331 page
background image
Table 6-107. Timers Timing Conditions (continued)
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
OUTPUT CONDITIONS
CL
Output load capacitance
PWM
2
10
pF
Section 6.9.5.23.1, Section 6.9.5.23.2 and Figure 6-119 present timings and switching characteristics of the
Timers.
6.9.5.23.1 Timing Requirements for Timers
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
T1
tw(TINPH)
Pulse duration, high
CAPTURE
2.5 +
4P
(1)
ns
T2
tw(TINPL)
Pulse duration, low
CAPTURE
2.5 +
4P
(1)
ns
(1)
P = functional clock period in ns.
6.9.5.23.2 Switching Characteristics for Timers
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
T3
tw(TOUTH)
Pulse duration, high
PWM
-2.5 +
4P
(1)
ns
T4
tw(TOUTL)
Pulse duration, low
PWM
-2.5 +
4P
(1)
ns
(1)
P = functional clock period in ns.
T1
T2
TIMER_IOx (inputs)
TIMER_01
T3
T4
TIMER_IOx (outputs)
Figure 6-119. Timer Timing
For more information, see Timers section in Peripherals chapter in the device TRM.
6.9.5.24 UART
For more details about features and additional description information on the device Universal Asynchronous
Receiver Transmitter, see the corresponding sections within , Section 5.3, Signal Descriptions and Section 7,
Detailed Description.
Table 6-108 represents UART timing conditions.
Table 6-108. UART Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
30
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
288
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com