Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 285 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 285 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 281Page - Texas Instruments TDA4VM21 Datasheet HTML 282Page - Texas Instruments TDA4VM21 Datasheet HTML 283Page - Texas Instruments TDA4VM21 Datasheet HTML 284Page - Texas Instruments TDA4VM21 Datasheet HTML 285Page - Texas Instruments TDA4VM21 Datasheet HTML 286Page - Texas Instruments TDA4VM21 Datasheet HTML 287Page - Texas Instruments TDA4VM21 Datasheet HTML 288Page - Texas Instruments TDA4VM21 Datasheet HTML 289Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 331 page
background image
Table 6-104. OSPI0/1 Switching Characteristics – Tap SDR Mode
see Figure 6-116
NO.
PARAMETER
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, OSPI0/1_CLK
20
ns
O8
tw(CLKL)
Pulse duration, OSPI0/1_CLK low
((0.475P(1)) - 0.3)
ns
O9
tw(CLKH)
Pulse duration, OSPI0/1_CLK high
((0.475P(1)) - 0.3)
ns
O10
td(CSn-CLK)
Delay time, OSPI0/1_CSn[3:0] active edge
to OSPI0/1_CLK rising edge
((0.475P(1)) +
(0.975M(2)R(4)) -
1.5)
((0.525P(1)) +
(1.025M(2)R(4)) +
1.5)
ns
O11
td(CLK-CSn)
Delay time, OSPI0/1_CLK rising edge to
OSPI0/1_CSn[3:0] inactive edge
((0.475P(1)) +
(0.975N(3)R(4)) -
1.5)
((0.525P(1)) +
(1.025N(3)R(4)) +
1.5)
ns
O12
td(CLK-D)
Delay time, OSPI0/1_CLK active edge to
OSPI0/1_D[7:0] transition
–2
2
ns
(1)
P = SCLK cycle time in ns = OSPI0/1_CLK cycle time in ns
(2)
M = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = reference clock cycle time in ns
OSPI_CLK
OSPI_TIMING_02
OSPI_CSn
O10
O11
O9
O8
O12
O7
OSPI_D[i:0]
Figure 6-116. OSPI Switching Characteristics – Tap SDR, No Loopback
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
285
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com