Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 282 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 282 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 278Page - Texas Instruments TDA4VM21 Datasheet HTML 279Page - Texas Instruments TDA4VM21 Datasheet HTML 280Page - Texas Instruments TDA4VM21 Datasheet HTML 281Page - Texas Instruments TDA4VM21 Datasheet HTML 282Page - Texas Instruments TDA4VM21 Datasheet HTML 283Page - Texas Instruments TDA4VM21 Datasheet HTML 284Page - Texas Instruments TDA4VM21 Datasheet HTML 285Page - Texas Instruments TDA4VM21 Datasheet HTML 286Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 331 page
background image
OSPI_CLK
OSPI_TIMING_02
OSPI_CSn
O10
O11
O9
O8
O12
O7
OSPI_D[i:0]
Figure 6-112. OSPI Switching Characteristics – SDR
Section 6.9.5.21.1.2.3, Section 6.9.5.21.1.2.1, Section 6.9.5.21.1.2.2, Section 6.9.5.21.1.2.2, and Figure 6-111
presents timing requirements for OSPI DDR and SDR Mode.
6.9.5.21.1.2.3 OSPI Timing Requirements – DDR Mode
Table 6-102. OSPI DLL Delay Mapping - DDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG BIT
FIELD
DELAY VALUE
OSPI0
OSPI1
Transmit
1.8V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x40
0x41
3.3V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x3C
0x3E
Receive
1.8V, DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x13
0x15
3.3V, DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x1E
0x1E
All other modes
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
0x0
NO. PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O15 tsu(D-LBCLK)
Setup time, D[i:0] valid before active LBCLK (DQS)
edge(1)
1.8V, External Board Loopback
0.52
ns
3.3V, External Board Loopback
1.97
ns
O16 th(LBCLK-D)
Hold time, D[i:0] valid after active LBCLK (DQS)
edge(1)
1.8V, External Board Loopback
1.24 (2)
ns
3.3V, External Board Loopback
1.44 (2)
ns
O17 tsu(D-DQS)
Setup time, DQS edge to D[i:0] transition(1)
1.8V, DQS
-0.46
ns
3.3V, DQS
-0.66
ns
O18 th(DQS-D)
Hold time, DQS edge to D[i:0] transition(1)
1.8V, DQS
3.59
ns
3.3V, DQS
8.89
ns
(1)
i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
(2)
This Hold time requirement is larger than the Hold time provided by a typical flash device. Therefore, the trace length between the
SoC and flash device must be sufficiently long enough to ensure that the Hold time is met at the SoC. Refer to Section 8.3.2 for more
details.
OSPI_DQS
O16
O15
OSPI_TIMING_04
OSPI_D[i:0]
Figure 6-113. OSPI Timing Requirements – DDR, External Loopback Clock and DQS
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
282
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com