Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 281 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 281 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 277Page - Texas Instruments TDA4VM21 Datasheet HTML 278Page - Texas Instruments TDA4VM21 Datasheet HTML 279Page - Texas Instruments TDA4VM21 Datasheet HTML 280Page - Texas Instruments TDA4VM21 Datasheet HTML 281Page - Texas Instruments TDA4VM21 Datasheet HTML 282Page - Texas Instruments TDA4VM21 Datasheet HTML 283Page - Texas Instruments TDA4VM21 Datasheet HTML 284Page - Texas Instruments TDA4VM21 Datasheet HTML 285Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 331 page
background image
OSPI_CLK
OSPI_D[i:0]
OSPI_TIMING_05
O 9
1
O20
Figure 6-110. OSPI Timing Requirements – SDR, Internal Clock and Internal Pad Loopback Clock
OSPI_DQS
OSPI_TIMING_06
O21
O 2
2
OSPI_D[i:0]
Figure 6-111. OSPI Timing Requirements – SDR, External Loopback Clock
6.9.5.21.1.2.2 OSPI Switching Characteristics – SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, CLK
1.8V
7
ns
3.3V
7.5
ns
O8
tw(CLKL)
Pulse duration, CLK low
-0.3+0.475*P
(2)
ns
O9
tw(CLKH)
Pulse duration, CLK high
-0.3+0.475*P
(2)
ns
O10 td(CLK-CSn)
Delay time, CLK rising edge to CSn active edge
1.8V
0.475 * P +
0.975 * N * R
(2) (3) (5)
0.475 * P +
0.975 * N * R
+ 1 (3) (3) (5)
ns
3.3V
0.475 * P +
0.975 * N * R
(2) (3) (5)
0.475 * P +
0.975 * N * R
+ 1 (2) (3) (5)
ns
O11 td(CLK-CSn)
Delay time, CLK rising edge to CSn inactive
edge
1.8V
0.475 * P +
0.975 * N * R
- 1 (2) (4) (5)
0.475 * P +
0.975 * N * R
+ 1 (2) (4) (5)
ns
3.3V
-1+0.475 * P
+ 0.975 * N *
R (2) (4) (5)
1+0.475 * P +
0.975 * N * R
(2) (4) (5)
ns
O12 td(CLK-D)
Delay time, CLK active edge to D[i:0]
transition(1)
1.8V
-1.16
1.25
ns
3.3V
-1.33
1.51
ns
(1)
i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
(2)
P = CLK cycle time = SCLK period
(3)
N = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(4)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(5)
R = refclk
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
281
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com