Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 278 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 278 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 274Page - Texas Instruments TDA4VM21 Datasheet HTML 275Page - Texas Instruments TDA4VM21 Datasheet HTML 276Page - Texas Instruments TDA4VM21 Datasheet HTML 277Page - Texas Instruments TDA4VM21 Datasheet HTML 278Page - Texas Instruments TDA4VM21 Datasheet HTML 279Page - Texas Instruments TDA4VM21 Datasheet HTML 280Page - Texas Instruments TDA4VM21 Datasheet HTML 281Page - Texas Instruments TDA4VM21 Datasheet HTML 282Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 331 page
background image
RFT_CLK
T3
T4
T5
HWn_TSPUSH
T1
T2
Figure 6-108. CPTS Timing Requirements
6.9.5.20.2 CPTS Switching Characteristics
see Figure 6-109
NO.
PARAMETER
SOURCE
MIN
MAX UNIT
T6
tw(TS_COMPH)
Pulse duration, TS_COMP high
36P - 2(1)
ns
T7
tw(TS_COMPL)
Pulse duration, TS_COMP low
36P - 2(1)
ns
T8
tw(TS_SYNCH)
Pulse duration, TS_SYNC high
36P - 2(1)
ns
T9
tw(TS_SYNCL)
Pulse duration, TS_SYNC low
36P - 2(1)
ns
T10
tw(SYNC_OUTH)
Pulse duration, SYNCn_OUT(2) high
TS_SYNC
36P - 2(1)
ns
TS_GENF
5P - 2(1)
ns
T11
tw(SYNC_OUTL)
Pulse duration, SYNCn_OUT(2) low
TS_SYNC
36P - 2(1)
ns
TS_GENF
5P - 2(1)
ns
(1)
P = functional clock period in ns.
(2)
n = 0 to 3 in SYNCn_OUT
TS_COMP
T6
T7
TS_SYNC
T8
T9
SYNCn_OUT
T10
T11
Figure 6-109. CPTS Switching Characteristics
For more information, see Navigator Subsystem (NAVSS) section in Data Movement Architecture (DMA) chapter
in the device TRM.
6.9.5.21 OSPI
For more details about features and additional description information on the device Octal Serial Peripheral
Interface, see the corresponding sections within Section 5.3, Signal Descriptions and Section 7, Detailed
Description.
Table 6-100 represents OSPI timing conditions.
Table 6-100. OSPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
3.3 V
2
6
V/ns
All other modes
1
6
V/ns
OUTPUT CONDITIONS
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
278
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com