Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 287 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 287 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 283Page - Texas Instruments TDA4VM21 Datasheet HTML 284Page - Texas Instruments TDA4VM21 Datasheet HTML 285Page - Texas Instruments TDA4VM21 Datasheet HTML 286Page - Texas Instruments TDA4VM21 Datasheet HTML 287Page - Texas Instruments TDA4VM21 Datasheet HTML 288Page - Texas Instruments TDA4VM21 Datasheet HTML 289Page - Texas Instruments TDA4VM21 Datasheet HTML 290Page - Texas Instruments TDA4VM21 Datasheet HTML 291Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 331 page
background image
Table 6-106. OSPI0/1 Switching Characteristics – Tap DDR Mode
see Figure 6-118
NO.
PARAMETER
MODE
MIN
MAX
UNIT
O1
tc(CLK)
Cycle time, OSPI0/1_CLK
40
ns
O2
tw(CLKL)
Pulse duration, OSPI0/1_CLK low
((0.475P(1)) - 0.3)
ns
O3
tw(CLKH)
Pulse duration, OSPI0/1_CLK high
((0.475P(1)) - 0.3)
ns
O4
td(CSn-CLK)
Delay time, OSPI0/1_CSn[3:0] active edge
to OSPI0/1_CLK rising edge
((0.475P(1)) +
((0.975M(2)R(5)) -
1.5)
((0.525P(1)) +
( 1.025M(2)R(5)) +
1.5)
ns
O5
td(CLK-CSn)
Delay time, OSPI0/1_CLK rising edge to
OSPI0/1_CSn[3:0] inactive edge
((0.475P(1)) +
(0.975N(3)R(5)) - 1.5)
((0.525P(1)) +
(1.025N(3)R(5)) +
1.5)
ns
O6
td(CLK-D)
Delay time, OSPI0/1_CLK active edge to
OSPI0/1_D[7:0] transition
(–17.94 +
(0.975(T(4) + 1)R(5)))
(–1.56 +
(1.025(T(4) + 1)R(5)))
ns
(1)
P = SCLK cycle time in ns = OSPI0_CLK cycle time in ns
(2)
M = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
T = OSPI_RD_DATA_CAPTURE_REG[DDR_READ_DELAY_FLD]
(5)
R = reference clock cycle time in ns
OSPI_CLK
OSPI_TIMING_01
OSPI_CSn
O6
O3
O2
O1
O5
OSPI_D[i:0]
O6
O4
Figure 6-118. OSPI Switching Characteristics – Tap DDR, No Loopback
6.9.5.22 PCIE
The PCI-Express Subsystem is compliant with the PCIe® Base Specification, Revision 4.0. Refer to the
specification for timing details.
For more details about features and additional description information on the device Peripheral Component
Interconnect Express, see the corresponding sections within , Section 5.3, Signal Descriptions and Section 7,
Detailed Description.
For more information, see Peripheral Component Interconnect Express (PCIe) Subsystem section in Peripherals
chapter in the device TRM.
6.9.5.23 Timers
For more details about features and additional description information on the device Timers, see the
corresponding sections within , Section 5.3, Signal Descriptions and Section 7, Detailed Description.
Table 6-107 represents Timers timing conditions.
Table 6-107. Timers Timing Conditions
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
CAPTURE
0.5
5
V/ns
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
287
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com