Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 289 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 289 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 285Page - Texas Instruments TDA4VM21 Datasheet HTML 286Page - Texas Instruments TDA4VM21 Datasheet HTML 287Page - Texas Instruments TDA4VM21 Datasheet HTML 288Page - Texas Instruments TDA4VM21 Datasheet HTML 289Page - Texas Instruments TDA4VM21 Datasheet HTML 290Page - Texas Instruments TDA4VM21 Datasheet HTML 291Page - Texas Instruments TDA4VM21 Datasheet HTML 292Page - Texas Instruments TDA4VM21 Datasheet HTML 293Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 331 page
background image
Section 6.9.5.24.1, Section 6.9.5.24.2, and Figure 6-120 present timing requirements and switching
characteristics for UART interface.
6.9.5.24.1 Timing Requirements for UART
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
4
tw(rxd)
Pulse width, receive data bit, high or low
0.95U
(1)
1.05U
(1)
ns
5
tw(rxdS)
Pulse width, receive start bit, low
0.95U
(1)
ns
(1)
U = UART baud time = 1/Programmed baud rate
6.9.5.24.2 UART Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
fop(baud)
Maximum programmable baud rate
15 pF
12
MHz
30 pF
0.115
1
td(ctsnL-txdV)
Delay time, receive CTSn bit to transmit data
30
ns
2
tw(txd)
Pulse width, transmit data bit, high or low
U - 2
(1)
U + 2
(1)
ns
3
tw(txdS)
Pulse width, transmit start bit, low
U - 2
(1)
ns
(1)
U = UART baud time = 1/Programmed baud rate
Figure 6-120. UART Timing
For more information, see Universal Asynchronous Receiver/Transmitter (UART) section in Peripherals chapter
in the device TRM.
6.9.5.25 USB
The USB 2.0 subsystem is compliant with the Universal Serial Bus (USB) Specification, revision 2.0. Refer to the
specification for timing details.
The USB 3.1 GEN1 Dual-Role Device Subsystem is compliant with the Universal Serial Bus (USB) 3.1
Specification, revision 1.0. Refer to the specification for timing details.
For more details about features and additional description information on the device Universal Serial Bus
Subsystem (USB), see the corresponding sections within Section 5.3, Signal Descriptions and Section 7,
Detailed Description.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
289
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com