Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 163 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 163 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 159Page - Texas Instruments TDA4VM21 Datasheet HTML 160Page - Texas Instruments TDA4VM21 Datasheet HTML 161Page - Texas Instruments TDA4VM21 Datasheet HTML 162Page - Texas Instruments TDA4VM21 Datasheet HTML 163Page - Texas Instruments TDA4VM21 Datasheet HTML 164Page - Texas Instruments TDA4VM21 Datasheet HTML 165Page - Texas Instruments TDA4VM21 Datasheet HTML 166Page - Texas Instruments TDA4VM21 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 331 page
background image
Table 6-5. eMMCPHY Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
BALL NAMES in Mode 0: MMC0_DAT[7:0], MMC0_CALPAD, MMC0_CMD, MMC0_DS, MMC0_CLK
BALL NUMBERS:AG2 / AH1 / AG3 / AF4 / AE5 / AF3 / AG1 / AF2 / AE1 / AE3 / AE4 / AF1
VIL
Input low-level threshold
0.35 ×
VDDSHV(1)
V
VILSS
Input low-level threshold steady state
0.20
V
VIH
Input high-level threshold
0.65 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
1.4
V
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
IOZ
Tri-state Output Leakage Current
VO = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
15
20
25
kΩ
RPD
Pull-down Resistor
15
20
25
kΩ
VOL
Output low-level voltage
0.30
V
VOH
Output high-level voltage
VDDSHV -
0.30(1)
V
IOL
Low Level Output Current
VOL(MAX)
2
mA
IOH
High Level Output Current
VOH(MAX)
2
mA
SRI
Input Slew Rate
5E + 8
V/s
(1)
VDDSHV stands for corresponding power supply (vddshv8). For more information on the power supply name and the corresponding
ball, see Section 5.2, Pin Attributes, POWER column.
Table 6-6. SDIO Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
BALL NAMES in Mode 0: MMC1_CLK, MMC1_CMD, MMC1_DAT[3:0], MMC2_CLK, MMC2_CMD, MMC2_DAT[3:0]
BALL NUMBERS:P25 / R29 / R24 / P24 / R25 / R26 / T26 / T25 / T24 / T27 / T29 / T28
1.8-V MODE
VIL
Input low-level threshold
0.58
V
VILSS
Input low-level threshold steady state
0.58
V
VIH
Input high-level threshold
1.27
V
VIHSS
Input high-level threshold steady state
1.7
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output low-level voltage
0.45
V
VOH
Output high-level voltage
VDDSHV-
0.45(1)
V
IOL
Low Level Output Current
VOL(MAX)
4
mA
IOH
High Level Output Current
VOH(MAX)
4
mA
SRI (3)
Input Slew Rate
18f(2)
or
1.8E+6
V/s
3.3-V Mode
VIL
Input low-level threshold
0.25 ×
VDDSHV(1)
V
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
163
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com