Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 166 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 166 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 162Page - Texas Instruments TDA4VM21 Datasheet HTML 163Page - Texas Instruments TDA4VM21 Datasheet HTML 164Page - Texas Instruments TDA4VM21 Datasheet HTML 165Page - Texas Instruments TDA4VM21 Datasheet HTML 166Page - Texas Instruments TDA4VM21 Datasheet HTML 167Page - Texas Instruments TDA4VM21 Datasheet HTML 168Page - Texas Instruments TDA4VM21 Datasheet HTML 169Page - Texas Instruments TDA4VM21 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 331 page
background image
Table 6-8. MLB LVCMOS Electrical Characteristics (continued)
Only GPIO mode supported. Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX UNIT
VILSS
Input Low Voltage Steady State
0.3 × VDD(1)
V
VIH
Input High Voltage
0.7 × VDD(1)
V
VIHSS
Input High Voltage Steady State
0.75 × VDD(1)
V
VHYS
Input Hysteresis Voltage
80
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
RPD
Pull-down Resistor
20
53
130
kΩ
VOL
Output Low Voltage
0.2
V
VOH
Output High Voltage
VDD(1) - 0.2
V
IOL
Low Level Output Current
VOL(MAX)
6
mA
IOH
High Level Output Current
VOH(MIN)
6
mA
SRI
Input Slew Rate(2)
fop > 100 MHz
1
V/ns
fop < 1 MHz
10
V/ns
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Section
5.2, Pin Attributes, POWER column.
(2)
Slew rate may be further limited, reference Section 6.9 for actual slew rate during operation.
Table 6-9. LVCMOS Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES: ALL other IOs
BALL NUMBERS: ALL other IOs
1.8-V MODE
VIL
Input Low Voltage
0.35 × VDD(1)
V
VILSS
Input Low Voltage Steady State
0.3 × VDD(1)
V
VIH
Input High Voltage
0.65 × VDD(1)
V
VIHSS
Input High Voltage Steady State
0.85 × VDD(1)
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
15
22
30
kΩ
RPD
Pull-down Resistor
15
22
30
kΩ
VOL
Output Low Voltage
0.45
V
VOH
Output High Voltage
VDD(1) - 0.45
V
IOL (2)
Low Level Output Current
VOL(MAX)
3
mA
IOH (2)
High Level Output Current
VOH(MIN)
3
mA
SRI (4)
Input Slew Rate
18f(3)
or
1.8E+6
V/s
3.3-V MODE
VIL
Input Low Voltage
0.8
V
VILSS
Input Low Voltage Steady State
0.6
V
VIH
Input High Voltage
2.0
V
VIHSS
Input High Voltage Steady State
2.0
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 3.3 V or 0 V
±10
µA
RPD
Pull-down Resistor
15
22
30
kΩ
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
166
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com