Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 168 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 168 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 164Page - Texas Instruments TDA4VM21 Datasheet HTML 165Page - Texas Instruments TDA4VM21 Datasheet HTML 166Page - Texas Instruments TDA4VM21 Datasheet HTML 167Page - Texas Instruments TDA4VM21 Datasheet HTML 168Page - Texas Instruments TDA4VM21 Datasheet HTML 169Page - Texas Instruments TDA4VM21 Datasheet HTML 170Page - Texas Instruments TDA4VM21 Datasheet HTML 171Page - Texas Instruments TDA4VM21 Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 331 page
background image
Note
The SGMII interfaces electrical characteristics are compliant with 1000BASE-KX per IEEE802.3
Clause 70.
Note
The SGMII 2.5G / XAUI interfaces electrical characteristics are compliant with IEEE802.3 Clause 47.
Note
The QSGMII interface electrical characteristics are compliant with QSGMII Specification revision 1.2.
This Device imposes an additional limit on the 2-L-PHY SERDES REFCLK, as described by parameters VIDTH
and VIDTL in Table 6-11, 2-L-PHY SERDES REFCLK Electrical Characteristics.
Table 6-11. 2-L-PHY SERDES REFCLK Electrical Characteristics
Only applies when internal termination is enabled. Over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: PCIE_REFCLK[3:0]P, PCIE_REFCLK[3:0]N
BALL NUMBERS:AE9 / AD10 / AE11 / AD12 / AE14 / AD15 / AE17 / AD16
VIDTH
Input Differential high-level threshold
200
mV
VIDTL
Input Differential low-level threshold
–200
mV
UFS M-PHY Electrical Characteristics
Note
The UFS interface electrical characteristics are compliant with MIPI M-PHY Specification v3.1,
February 17, 2014.
eDP/DP AUX-PHY Electrical Characteristics
Note
The DP interface electrical characteristics are compliant with the VESA DisplayPort (DP) Standard v
1.4 February 23, 2016.
Note
The eDP interface electrical characteristics are compliant with the VESA Embedded DisplayPort
(eDP) Standard v1.4b October 23, 2015.
DDR0 Electrical Characteristics
Note
The DDR interface is compatible with JESD209-4B standard compliant LPDDR4 SDRAM devices.
6.7 VPP Specifications for One-Time Programmable (OTP) eFuses
This section specifies the operating conditions required for programming the OTP eFuses and is applicable only
for High-Security Devices.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
168
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com