Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 164 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 164 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 160Page - Texas Instruments TDA4VM21 Datasheet HTML 161Page - Texas Instruments TDA4VM21 Datasheet HTML 162Page - Texas Instruments TDA4VM21 Datasheet HTML 163Page - Texas Instruments TDA4VM21 Datasheet HTML 164Page - Texas Instruments TDA4VM21 Datasheet HTML 165Page - Texas Instruments TDA4VM21 Datasheet HTML 166Page - Texas Instruments TDA4VM21 Datasheet HTML 167Page - Texas Instruments TDA4VM21 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 331 page
background image
Table 6-6. SDIO Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VILSS
Input low-level threshold steady state
0.15 ×
VDDSHV(1)
V
VIH
Input high-level threshold
0.625 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
0.625 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output low-level voltage
0.125 ×
VDDSHV(1)
V
VOH
Output high-level voltage
0.75 ×
VDDSHV(1)
V
IOL
Low Level Output Current
VOL(MAX)
6
mA
IOH
High Level Output Current
VOH(MAX)
10
mA
SRI (3)
Input Slew Rate
33f(2)
or
3.3E+6
V/s
(1)
VDDSHV stands for corresponding power supply (vddshv8). For more information on the power supply name and the corresponding
ball, see Section 5.2, Pin Attributes, POWER column.
(2)
f = toggle frequency of the input signal in Hz.
(3)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
CSI-2/DSI D-PHY Electrical Characteristics
Note
CSI-2/DSI (D-PHY) interfaces are compliant with MIPI D-PHY specifications v1.2 dated August 1,
2014, including ECNs and Errata as applicable.
Table 6-7. ADC12B Electrical Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MCU_ADC0_AIN[7:0], MCU_ADC1_AIN[7:0]
BALL NUMBERS:K24 / K25 / K26 / K27 / K28 / K29 / L24 / L25 / L26 / L27 / L28 / L29 / M24 / M25 / N23 / N24
Analog Input
VMCU_ADC
0/1_AIN[7:0]
Full-scale Input Range
VSS
VDDA_ADC0/
1
V
DNL
Differential Non-Linearity
-1
0.5
4
LSB
INL
Integral Non-Linearity
±1
±4
LSB
LSBGAIN-
ERROR
Gain Error
±2
LSB
LSBOFFSE
T-ERROR
Offset Error
±2
LSB
CIN
Input Sampling Capacitance
5.5
pF
SNR
Signal-to-Noise Ratio
Input Signal: 200
kHz sine wave at
-0.5 dB Full Scale
70
dB
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
164
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com