Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 165 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 165 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 161Page - Texas Instruments TDA4VM21 Datasheet HTML 162Page - Texas Instruments TDA4VM21 Datasheet HTML 163Page - Texas Instruments TDA4VM21 Datasheet HTML 164Page - Texas Instruments TDA4VM21 Datasheet HTML 165Page - Texas Instruments TDA4VM21 Datasheet HTML 166Page - Texas Instruments TDA4VM21 Datasheet HTML 167Page - Texas Instruments TDA4VM21 Datasheet HTML 168Page - Texas Instruments TDA4VM21 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 331 page
background image
Table 6-7. ADC12B Electrical Characteristics (continued)
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD
Total Harmonic Distortion
Input Signal: 200
kHz sine wave at
-0.5 dB Full Scale
73
dB
SFDR
Spurious Free Dynamic Range
Input Signal: 200
kHz sine wave at
-0.5 dB Full Scale
76
dB
SNR(PLUS) Signal-to-Noise Plus Distortion
Input Signal: 200
kHz sine wave at
-0.5 dB Full Scale
69
dB
RMCU_ADC
0/1_AIN[0:7]
Input Impedance of MCU_ADC0/1_AIN[7:0] f = input frequency
[1/((65.97 ×
10–-12) ×
fSMPL_CLK)]
Ω
IIN
Input Leakage
MCU_ADC0/1_AIN[7
:0] = VSS
-10
μA
MCU_ADC0/1_AIN[7
:0] = VDDA_ADC0/1
24
μA
Sampling Dynamics
FSMPL_CLK SMPL_CLK Frequency
60
MHz
tC
Conversion Time
13
ADC0/1
SMPL_CL
K Cycles
tACQ
Acquisition time
2
257
ADC0/1
SMPL_CL
K Cycles
TR
Sampling Rate
ADC0/1 SMPL_CLK
= 60 MHz
4
MSPS
CCISO
Channel to Channel Isolation
100
dB
General Purpose Input Mode(1)
VIL
Input low-level threshold
0.35 ×
VDDA_ADC0/
1
V
VILSS
Input high-level threshold steady state
0.35 ×
VDDA_ADC0/
1
V
VIH
Input high-level threshold
0.65 ×
VDDA_ADC0/
1
V
VIHSS
Input high-level threshold steady state
0.65 ×
VDDA_ADC0/
1
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
6
µA
(1)
MCU_ADC0/1 can be configured to operate in General Purpose Input mode, where all MCU_ADC0/1_AIN[7:0] inputs are globally
enabled to operate as digital inputs via the ADC0/1_CTRL register (gpi_mode_en = 1).
Table 6-8. MLB LVCMOS Electrical Characteristics
Only GPIO mode supported. Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX UNIT
BALL NAMES in Mode 0: MLB0_MLBSN, MLB0_MLBDP, MLB0_MLBSP, MLB0_MLBCP, MLB0_MLBDN, MLB0_MLBCN
BALL NUMBERS:AC1 / AC3 / AD1 / AD2 / AD3 / AE2
VIL
Input Low Voltage
0.3 × VDD(1)
V
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
165
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com