Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 270 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 270 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 266Page - Texas Instruments TDA4VM21 Datasheet HTML 267Page - Texas Instruments TDA4VM21 Datasheet HTML 268Page - Texas Instruments TDA4VM21 Datasheet HTML 269Page - Texas Instruments TDA4VM21 Datasheet HTML 270Page - Texas Instruments TDA4VM21 Datasheet HTML 271Page - Texas Instruments TDA4VM21 Datasheet HTML 272Page - Texas Instruments TDA4VM21 Datasheet HTML 273Page - Texas Instruments TDA4VM21 Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 331 page
background image
Table 6-86. MMC1/2 DLL Delay Mapping for All Timing Modes (continued)
REGISTER NAME
MMCSD12_SS_PHY_CTRL_4_REG
MMCSD12_SS_PHY_CTRL_5_REG
BIT FIELD
[20]
[15:12]
[8]
[4:0]
[2:0]
BIT FIELD NAME
OTAPDLYENA OTAPDLYSEL ITAPDLYENA
ITAPDLYSEL
CLKBUFSEL
MODE
DESCRIPTION
DELAY
ENABLE
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DELAY
BUFFER
DURATION
UHS-I
SDR50
4-bit PHY operating
1.8 V, 100 MHz
0x1
0xC
0x1
Tuning
0x7
UHS-I
DR50
4-bit PHY operating
1.8 V, 50 MHz
0x1
0xC
0x1
0x2
0x7
UHS-I
SDR104
4-bit PHY operating
1.8, V 200 MHz
0x1
0x5
0x1
Tuning
0x7
Table 6-87 presents timing conditions for MMC1.
Table 6-87. MMC1/2 Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
Default Speed, High Speed
0.69
2.06
V/ns
UHS–I SDR12, UHS–I SDR25
0.34
1.34
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
All modes
1
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
UHS–I DDR50
240
1134
ps
All other modes
126
1386
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch across all
traces
UHS–I DDR50, UHS–I SDR104
20
ps
All other modes
100
ps
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
270
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com