Electronic Components Datasheet Search
  English  ▼

X  

PM7384 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 35Page - PMC-Sierra, Inc PM7384 Datasheet HTML 36Page - PMC-Sierra, Inc PM7384 Datasheet HTML 37Page - PMC-Sierra, Inc PM7384 Datasheet HTML 38Page - PMC-Sierra, Inc PM7384 Datasheet HTML 39Page - PMC-Sierra, Inc PM7384 Datasheet HTML 40Page - PMC-Sierra, Inc PM7384 Datasheet HTML 41Page - PMC-Sierra, Inc PM7384 Datasheet HTML 42Page - PMC-Sierra, Inc PM7384 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
28
Pin Name
Type
Pin
No.
Function
TDO
Tristate
Output
W2
The test data output signal (TDO) carries test
data out of the FREEDM-84P672 via the IEEE
P1149.1 test access port. TDO is updated on the
falling edge of TCK. TDO is a tristate output
which is inactive except when scanning of data is
in progress.
TRSTB
Input
V2
The active low test reset signal (TRSTB) provides
an asynchronous FREEDM-84P672 test access
port reset via the IEEE P1149.1 test access port.
TRSTB is an asynchronous input with an integral
pull up resistor.
Note that when TRSTB is not being used, it must
be connected to the RSTB input.
NC1-152
Open
These pins must be left unconnected.
Table 5 – Production Test Interface Signals (31)
Pin Name
Type
Pin
No.
Function
TA[0]
TA[1]
TA[2]
TA[3]
TA[4]
TA[5]
TA[6]
TA[7]
TA[8]
TA[9]
TA[10]
TA[11]
Input
G1
G2
F2
G4
E2
D2
B4
D6
B5
D7
B6
D8
The test mode address bus (TA[11:0]) selects
specific registers during production test
(PMCTEST set high) read and write accesses.
In normal operation (PMCTEST set low), these
signals should be grounded.
TA[12]/TR
S
Input
B9
The test register select signal (TA[12]/TRS)
selects between normal and test mode register
accesses during production test (PMCTEST set
high). TRS is set high to select test registers
and is set low to select normal registers. In
normal operation (PMCTEST set low), this
signal should be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com