Electronic Components Datasheet Search
  English  ▼

X  

PM7384 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 75Page - PMC-Sierra, Inc PM7384 Datasheet HTML 76Page - PMC-Sierra, Inc PM7384 Datasheet HTML 77Page - PMC-Sierra, Inc PM7384 Datasheet HTML 78Page - PMC-Sierra, Inc PM7384 Datasheet HTML 79Page - PMC-Sierra, Inc PM7384 Datasheet HTML 80Page - PMC-Sierra, Inc PM7384 Datasheet HTML 81Page - PMC-Sierra, Inc PM7384 Datasheet HTML 82Page - PMC-Sierra, Inc PM7384 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
68
Transmit Channel Descriptor Reference Table
The TMAC672 maintains a Transmit Channel Descriptor Reference (TCDR)
table in which is stored certain information relating to DMA activity on each
channel together with TD pointers which are used by the TMAC672 to sort
packet chains supplied by the host into per-channel linked lists (see below). The
caching of DMA-related information reduces the number of host bus accesses
required to process each data packet, while the sorting into per-channel linked
lists eliminates head of line blocking. Each channel is provided with two entries
in the TCDR table, one for high priority packets (Pri 1) and one for low priority
packets (Pri 0). The structure of the TCDR table is shown in Figure 13 below.
Figure 13 – Transmit Channel Descriptor Reference Table
Current TD Pointer [14:0]
Last TD Pointer [14:0]
Host TD Pointer [14:0]
DMA Current Address[31:0]
Bit 0
Bit 33
TCC 0, Pri 0
TCC 671, Pri 1
Bytes to Tx [15:0]
Reserved (12)
Res
Next TD Pointer [14:0]
D
A
MCE
IOC
Abrt
PiP
NA
U
Res
V
TCC 1, Pri 0
Current TD Pointer [14:0]
Last TD Pointer [14:0]
Host TD Pointer [14:0]
DMA Current Address[31:0]
Bytes to Tx [15:0]
Reserved (12)
Res
Next TD Pointer [14:0]
D
A
MCE
IOC
Abrt
PiP
NA
V
Current TD Pointer [14:0]
Last TD Pointer [14:0]
Host TD Pointer [14:0]
DMA Current Address[31:0]
Bytes to Tx [15:0]
Reserved (12)
Res
Next TD Pointer [14:0]
D
A
MCE
IOC
Abrt
PiP
NA
V
U
Res
U
Res
Res
Res
Res
Res
Res
Res



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com