Electronic Components Datasheet Search
  English  ▼

X  

PM7384 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 8Page - PMC-Sierra, Inc PM7384 Datasheet HTML 9Page - PMC-Sierra, Inc PM7384 Datasheet HTML 10Page - PMC-Sierra, Inc PM7384 Datasheet HTML 11Page - PMC-Sierra, Inc PM7384 Datasheet HTML 12Page - PMC-Sierra, Inc PM7384 Datasheet HTML 13Page - PMC-Sierra, Inc PM7384 Datasheet HTML 14Page - PMC-Sierra, Inc PM7384 Datasheet HTML 15Page - PMC-Sierra, Inc PM7384 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
· Single-chip multi-channel HDLC controller with a 66 MHz, 32 bit Peripheral
Component Interconnect (PCI) Revision 2.1 bus for configuration, monitoring
and transfer of packet data, with an on-chip DMA controller with scatter/
gather capabilities.
· Supports up to 672 bi-directional HDLC channels assigned to a maximum of
84 channelised or unchannelised links conveyed via a Scaleable Bandwidth
Interconnect (SBI) interface.
· Data on the SBI interface is divided into 3 Synchronous Payload Envelopes
(SPEs). Each SPE can be configured independently to carry data for either
28 T1/J1 links, 21 E1 links, or 1 unchannelised DS-3 link.
· Links in a SPE can be configured individually to operate in a clear channel
mode, in which case all framing bit locations are assumed to be carrying
HDLC data.
· Links in an SPE can be configured individually to operate in channelised
mode, in which case, the number of time-slots assigned to an HDLC channel
is programmable from 1 to 24 (for T1/J1 links) and from 1 to 31 (for E1 links).
· Supports three bi-directional HDLC channels each assigned to an
unchannelised link with arbitrary rate link of up to 51.84 MHz when SYSCLK
is running at 45 MHz. Each link may be configured individually to replace one
of the SPEs conveyed on the SBI interface.
· For each channel, the HDLC receiver supports programmable flag sequence
detection, bit de-stuffing and frame check sequence validation. The receiver
supports the validation of both CRC-CCITT and CRC-32 frame check
sequences.
· For each channel, the receiver checks for packet abort sequences, octet
aligned packet length and for minimum and maximum packet length. The
receiver supports filtering of packets that are larger than a user specified
maximum value.
· Alternatively, for each channel, the receiver supports a transparent mode
where each octet is transferred transparently to host memory. For
channelised links, the octets are aligned with the receive time-slots.
· For each channel, time-slots are selectable to be in 56 kbits/s format or 64
kbits/s clear channel format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com