Electronic Components Datasheet Search
  English  ▼

X  

PM7384 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 37Page - PMC-Sierra, Inc PM7384 Datasheet HTML 38Page - PMC-Sierra, Inc PM7384 Datasheet HTML 39Page - PMC-Sierra, Inc PM7384 Datasheet HTML 40Page - PMC-Sierra, Inc PM7384 Datasheet HTML 41Page - PMC-Sierra, Inc PM7384 Datasheet HTML 42Page - PMC-Sierra, Inc PM7384 Datasheet HTML 43Page - PMC-Sierra, Inc PM7384 Datasheet HTML 44Page - PMC-Sierra, Inc PM7384 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
30
Table 6 – Power and Ground Signals (64)
Pin Name
Type
Pin
No.
Function
VDD3V3[1]
VDD3V3[2]
VDD3V3[3]
VDD3V3[4]
VDD3V3[5]
VDD3V3[6]
VDD3V3[7]
VDD3V3[8]
VDD3V3[9]
VDD3V3[10]
VDD3V3[11]
VDD3V3[12]
VDD3V3[13]
VDD3V3[14]
VDD3V3[15]
VDD3V3[16]
VDD3V3[17]
VDD3V3[18]
VDD3V3[19]
VDD3V3[20]
VDD3V3[21]
VDD3V3[22]
VDD3V3[23]
VDD3V3[24]
Power
B25
C3
C24
D4
D9
D14
D18
D23
J4
N4
P23
J23
V4
V23
AC4
AC9
AC13
AC18
AC23
AD3
AE2
AE25
B2
AD24
The VDD3V3[24:1] DC power pins should be
connected to a well decoupled +3.3 V DC
supply. These power pins provide DC current
to the I/O pads.
VDD2V5[1]
VDD2V5[2]
VDD2V5[3]
VDD2V5[4]
VDD2V5[5]
VDD2V5[6]
VDD2V5[7]
VDD2V5[8]
VDD2V5[9]
VDD2V5[10]
VDD2V5[11]
VDD2V5[12]
Power
H4
P4
Y3
AF6
AE14
AF21
AA26
N25
G24
A21
B13
A6
The VDD2V5[12:1] DC power pins should be
connected to a well decoupled +2.5 V DC
supply. These power pins provide DC current
to the digital core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com