Electronic Components Datasheet Search
  English  ▼

X  

PM7384 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 36Page - PMC-Sierra, Inc PM7384 Datasheet HTML 37Page - PMC-Sierra, Inc PM7384 Datasheet HTML 38Page - PMC-Sierra, Inc PM7384 Datasheet HTML 39Page - PMC-Sierra, Inc PM7384 Datasheet HTML 40Page - PMC-Sierra, Inc PM7384 Datasheet HTML 41Page - PMC-Sierra, Inc PM7384 Datasheet HTML 42Page - PMC-Sierra, Inc PM7384 Datasheet HTML 43Page - PMC-Sierra, Inc PM7384 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
Pin Name
Type
Pin
No.
Function
TRDB
Input
C8
The test mode read enable signal (TRDB) is set
low during FREEDM-84P672 register read
accesses during production test (PMCTEST set
high). The FREEDM-84P672 drives the test
data bus (TDAT[15:0]) with the contents of the
addressed register while TRDB is low. In
normal operation (PMCTEST set low), this
signal should be tied to logic 1.
TWRB
Input
B8
The test mode write enable signal (TWRB) is
set low during FREEDM-84P672 register write
accesses during production test (PMCTEST set
high). The contents of the test data bus
(TDAT[15:0]) are clocked into the addressed
register on the rising edge of TWRB. In normal
operation (PMCTEST set low), this signal should
be tied to logic 1.
TDAT[0]
TDAT[1]
TDAT[2]
TDAT[3]
TDAT[4]
TDAT[5]
TDAT[6]
TDAT[7]
TDAT[8]
TDAT[9]
TDAT[10]
TDAT[11]
TDAT[12]
TDAT[13]
TDAT[14]
TDAT[15]
I/O
AE11
AF11
AE12
AD13
AD14
AF15
AD15
AC15
AE17
AF18
AE18
AC17
AE19
AD19
AC19
AE21
The bi-directional test mode data bus
(TDAT[15:0]) carries data read from or written to
FREEDM-84P672 registers during production
test (PMCTEST set high). In normal operation
(PMCTEST set low), these signals should be left
unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com