Electronic Components Datasheet Search
  English  ▼

X  

PM7384 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 85Page - PMC-Sierra, Inc PM7384 Datasheet HTML 86Page - PMC-Sierra, Inc PM7384 Datasheet HTML 87Page - PMC-Sierra, Inc PM7384 Datasheet HTML 88Page - PMC-Sierra, Inc PM7384 Datasheet HTML 89Page - PMC-Sierra, Inc PM7384 Datasheet HTML 90Page - PMC-Sierra, Inc PM7384 Datasheet HTML 91Page - PMC-Sierra, Inc PM7384 Datasheet HTML 92Page - PMC-Sierra, Inc PM7384 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
78
SBI
SPE
No.
SBI
Trib.
No.
TCAS
Link
No.
SBI
SPE
No.
SBI
Trib.
No.
TCAS
Link
No.
SBI
SPE
No.
SBI
Trib.
No.
TCAS
Link
No.
1
28
81
2
28
82
3
28
83
As shown in the table above, TCAS links 0, 1, and 2 are mapped to tributary 1 of
SPEs 1, 2 and 3 respectively. These links may be configured to operate at DS-3
rate. (They may also be configured to output data to the TD outputs at rates up
to 51.84 Mbps.) For each of these high-speed links, the TCAS672 provides a six
byte FIFO. For the remaining links (TCAS links 3 to 83, mapped to links 2 to 28
of each SPE), the TCAS672 provides a single byte holding register. The
TCAS672 performs parallel to serial conversion to form bit-serial streams which
are passed to the SBI SIPO blocks. In the event where multiple links are in need
of data, TCAS672 requests data from upstream blocks on a fixed priority basis
with link 0 having the highest priority and link 83 the lowest.
Links containing a T1/J1 or an E1 stream may be channelised. Data at each
time-slot may be independently assigned to be sourced from a different channel.
The position of T1/J1 and E1 framing bits/bytes is identified by frame pulse
signals generated by the SBI SIPO blocks. With knowledge of the transmit link
and time-slot identity, the TCAS672 performs a table look-up to identify the
channel from which a data byte is to be sourced.
Links containing a DS-3 stream are unchannelised, in which case, all data bytes
on the link belong to one channel. The TCAS672 performs a table look-up to
identify the channel to which a data byte belongs using only the outgoing link
identity, as no time-slots are associated with unchannelised links. Links may
additionally be configured to operate in an unframed “clear channel” mode, in
which case the FREEDM-84P672 will output HDLC data in all bit positions,
including those normally reserved for framing information. Links so configured
operate as unchannelised regardless of link rate and the TCAS672 performs a
table lookup using only the link number to determine the associated channel.
9.10.1 Line Interface
There are 84 line interface blocks in the TCAS672. Each line interface block
contains a bit counter, an 8-bit shift register and a holding register that, together,
perform parallel to serial conversion. Whenever the shift register is updated, a
request for service is sent to the priority encoder block. When acknowledged by
the priority encoder, the line interface responds by writing the data into the
holding register.
To support channelised links, each line interface block contains a time-slot
counter. The time-slot counter is incremented each time the shift register is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com