Electronic Components Datasheet Search
  English  ▼

X  

PM7384 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 45Page - PMC-Sierra, Inc PM7384 Datasheet HTML 46Page - PMC-Sierra, Inc PM7384 Datasheet HTML 47Page - PMC-Sierra, Inc PM7384 Datasheet HTML 48Page - PMC-Sierra, Inc PM7384 Datasheet HTML 49Page - PMC-Sierra, Inc PM7384 Datasheet HTML 50Page - PMC-Sierra, Inc PM7384 Datasheet HTML 51Page - PMC-Sierra, Inc PM7384 Datasheet HTML 52Page - PMC-Sierra, Inc PM7384 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
38
9.4.2 Priority Encoder
The priority encoder monitors the line interfaces for requests and synchronises
them to the SYSCLK timing domain. Requests are serviced on a fixed priority
scheme where highest to lowest priority is assigned from the line interface
attached to link 0 to that attached to link 83. Thus, simultaneous requests from
link ‘m’ will be serviced ahead of link ‘n’, if m < n. When there are no pending
requests, the priority encoder generates an idle cycle. In addition, once every
fourth SYSCLK cycle, the priority encoder inserts a null cycle where no requests
are serviced. This cycle is used by the channel assigner downstream for host
microprocessor accesses to the provisioning RAMs.
9.4.3 Channel Assigner
The channel assigner block determines the channel number of the data byte
currently being processed. The block contains a 2688 word channel provision
RAM. The address of the RAM is constructed from concatenating the link
number and the time-slot number of the current data byte. The fields of each
RAM word include the channel number and a time-slot enable flag. The time-slot
enable flag labels the current time-slot as belonging to the channel indicted by
the channel number field.
9.4.4 Loopback Controller
The loopback controller block implements the channel based diagnostic
loopback function. Every valid data byte belonging to a channel with diagnostic
loopback enabled from the Transmit HDLC Processor / Partial Packet Buffer
block (THDL672) is written into a 256 word FIFO. The loopback controller
monitors for an idle time-slot or a time-slot carrying a channel with diagnostic
loopback enabled. If either conditions hold, the current data byte is replaced by
data retrieved from the loopback data FIFO.
9.5 Receive HDLC Processor / Partial Packet Buffer
The Receive HDLC Processor / Partial Packet Buffer block (RHDL672)
processes up to 672 synchronous transmission HDLC data streams. Each
channel can be individually configured to perform flag sequence detection, bit
de-stuffing and CRC-CCITT or CRC-32 verification. The packet data is written
into the partial packet buffer. At the end of a frame, packet status including CRC
error, octet alignment error and maximum length violation are also loaded into
the partial packet buffer. Alternatively, a channel can be provisioned as
transparent, in which case, the HDLC data stream is passed to the partial packet
buffer processor verbatim.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com