Electronic Components Datasheet Search
  English  ▼

X  

PM7384 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 87Page - PMC-Sierra, Inc PM7384 Datasheet HTML 88Page - PMC-Sierra, Inc PM7384 Datasheet HTML 89Page - PMC-Sierra, Inc PM7384 Datasheet HTML 90Page - PMC-Sierra, Inc PM7384 Datasheet HTML 91Page - PMC-Sierra, Inc PM7384 Datasheet HTML 92Page - PMC-Sierra, Inc PM7384 Datasheet HTML 93Page - PMC-Sierra, Inc PM7384 Datasheet HTML 94Page - PMC-Sierra, Inc PM7384 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
80
rate at which data is output by the TCAS672 and the rate at which it is
transmitted on the SBI ADD BUS.
The SBI Insert block may be configured to enable or disable transmission of
individual triburaries on to the SBI ADD bus. Individual triburaries may also be
configured to operate in framed or unframed mode.
9.12 Performance Monitor
The Performance Monitor block (PMON) contains four counters. The first two
accumulate receive partial packet buffer FIFO overrun events and transmit partial
packet buffer FIFO underflow events, respectively. The remaining two counters
are software programmable to accumulate a variety of events, such as receive
packet count, FCS error counts, etc. All counters saturate upon reaching
maximum value. The accumulation logic consists of a counter and holding
register pair. The counter is incremented when the associated event is detected.
Writing to the FREEDM-84P672 Master Clock / Frame Pulse Activity Monitor and
Accumulation Trigger register transfer the count to the corresponding holding
register and clear the counter. The contents of the holding register is accessible
via the PCI interface.
9.13 JTAG Test Access Port Interface
The JTAG Test Access Port block provides JTAG support for boundary scan. The
standard JTAG EXTEST, SAMPLE, BYPASS, IDCODE and STCTEST instructions
are supported. The FREEDM-84P672 identification code is 073840CD
hexadecimal.
9.14 PCI Host Interface
The FREEDM-84P672 supports two different normal mode register types as
defined below:
1. PCI Host Accessible registers (PA) – these registers can be accessed
through the PCI Host interface.
2. PCI Configuration registers (PC) – these register can only be accessed
through the PCI Host interface during a PCI configuration cycle.
The PCI registers are addressable on dword boundaries only. The PCI offset
shown in the table below must be combined with a base address to form the PCI
Interface address. The base address can be found in the FREEDM-84P672
Memory Base Address register in the PCI Configuration memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com