Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 132 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 132 Page - Texas Instruments

Back Button AM67 Datasheet HTML 128Page - Texas Instruments AM67 Datasheet HTML 129Page - Texas Instruments AM67 Datasheet HTML 130Page - Texas Instruments AM67 Datasheet HTML 131Page - Texas Instruments AM67 Datasheet HTML 132Page - Texas Instruments AM67 Datasheet HTML 133Page - Texas Instruments AM67 Datasheet HTML 134Page - Texas Instruments AM67 Datasheet HTML 135Page - Texas Instruments AM67 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 237 page
background image
Table 6-42. CPTS Switching Characteristics
see Figure 6-34
NO.
PARAMETER
DESCRIPTION
SOURCE
MIN
MAX
UNIT
T6
tw(TS_COMPH)
Pulse duration, TS_COMP high
36P(1) - 2
ns
T7
tw(TS_COMPL)
Pulse duration, TS_COMP low
36P(1) - 2
ns
T8
tw(TS_SYNCH)
Pulse duration, TS_SYNC high
36P(1) - 2
ns
T9
tw(TS_SYNCL)
Pulse duration, TS_SYNC low
36P(1) - 2
ns
T10
tw(SYNC_OUTH)
Pulse duration, SYNCn_OUT high
TS_SYNC
36P(1) - 2
ns
GENF
5P(1) - 2
ns
T11
tw(SYNC_OUTL)
Pulse duration, SYNCn_OUT low
TS_SYNC
36P(1) - 2
ns
GENF
5P(1) - 2
ns
(1)
P = functional clock period in ns.
TS_COMP
T6
T7
TS_SYNC
T8
T9
SYNCn_OUT
T10
T11
Figure 6-34. CPTS Switching Characteristics
For more information, see Data Movement Architecture (DMA) chapter in the device TRM.
6.9.5.4 CSI-2
Note
For more information, see the Camera Serial Interface Receiver (CSI_RX_IF) section in the device
TRM. The CSI_RX_IF is connected to device port instances named CSIRXn, where n is the instance
number.
The CSI_RX_IF and associated D-PHY implements a CSI-2 port (CSIRX0) compliant with the MIPI D-PHY
specification v1.2 and the MIPI CSI-2 specification v1.3, with 4 differential data lanes plus 1 differential clock
lane operating in synchronous double data rate mode. For CSI-2 timing details, see the respective MIPI
specifications mentioned above.
• Support for 1-, 2-, 3- or 4-lane data transfer modes up to 1.5Gbps
6.9.5.5 CSI-2 TX
TBD
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
132
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com