Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
10
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
Figure 2. 27mm, 316-Ball E-PBGA Package
M
1.27 TYP
0.75
± 0.15 SOLDERBALL x 316
27.0
24.13
27.0
B
A
C
0.20
∅ 0.30
∅ 0.15
C
27.0 REF
Reserved Area for Ejector Pin Mark x 4 TYP
Corner Shape is Chamferred or Rounded
0.20
C
C
2.65 MAX
0.6
± 0.1
PCB
Substrate
Mold
Compound
Thermal Balls
Top View
Bottom View
0.25
0.35 C
C
Y
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
M
A B
7.5 TYP
15.0 TYP
Gold Gate Release
Corresponds to
A1 Ball Location
27.0
20
19
18
17
16
6
7
8
9
10
11
12
13
14
15
5
4
3
2
1
Notes: 1. All dimensions are in mm.
2. Package available in leaded and lead-free configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com