Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 16 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 16 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 20Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
16
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
PerData0
PerData1
PerData2
PerData3
PerData4
PerData5
PerData6
PerData7
PerData8
PerData9
PerData10
PerData11
PerData12
PerData13
PerData14
PerData15
PerData16
PerData17
PerData18
PerData19
PerData20
PerData21
PerData22
PerData23
PerData24
PerData25
PerData26
PerData27
PerData28
PerData29
PerData30
PerData31
U2
R4
U1
R2
R3
T1
N4
P3
N2
P1
M4
N3
M2
N1
L4
M3
L2
M1
K2
L3
K1
J1
J2
K3
K4
H1
H2
J3
J4
G1
G2
H3
External Slave Peripheral
Note: PerData0 is the most significant bit (msb) on this bus.
23
PerErr
B1
External Master Peripheral
25
PerOE
E4
External Slave Peripheral
23
PerPar0
PerPar1
PerPar2
PerPar3
C2
G3
E1
H4
External Slave Peripheral
23
PerReady
E3
External Slave Peripheral
23
PerR/W
C1
External Slave Peripheral
23
PerWBE0
PerWBE1
PerWBE2
PerWBE3
D2
F4
F3
D1
External Slave Peripheral
23
PerWE
C4
External Slave Peripheral
23
RAS
K18
SDRAM
23
RcvrInh
E17
System
26
Reserved
J20
G19
R17
T20
V16
Other pins
Notes:
1. Connect G19 to ground.
2. Other reserved pins are not connected internally within the chip and
should not have signals, voltage, or ground applied to them.
27
Table 3. Signals Listed Alphabetically (Sheet 6 of 7)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com