Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 30 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 30 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 34Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
30
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
Figure 4. 5V-Tolerant I/O Input Current
Table 9. Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
3.3V LVTTL I/O
CIN1
5.4
pF
5V tolerant LVTTL I/O
CIN2
4.4
pF
RX only pins
CIN4
3.4
pF
-700
-600
-500
-400
-300
-200
-100
0
100
1.0
2.0
3.0
4.0
5.0
0.0
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com