Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 29 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 29 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 33Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
Revision 1.02 – January 11, 2005
AMCC
29
Data Sheet
Table 8. Recommended DC Operating Conditions
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage
VDD
+2.3
+2.5
+2.7
V
I/O Supply Voltage
OVDD
+3.0
+3.3
+3.6
V
PLL Supply Voltage
AVDD
+2.3
+2.5
+2.7
V
Input Logic High
(2.5V CMOS receivers)
VIH
+1.7
VDD
V
Input Logic High
(3.3V LVTTL receivers)
VIH
+2.0
OVDD
V
Input Logic High
(5.0V LVTTL receivers)
VIH
+2.0
+5.0
V
Input Logic Low
(2.5V CMOS receivers)
VIL
0+0.7
V
Input Logic Low
(3.3/5.0V LVTTL receivers)
VIL
0+0.8
V
Output Logic High
VOH
+2.4
OVDD
V
Output Logic Low
VOL
0+0.4
V
3.3V I/O Input Current (no pull-up or
pull-down)
IIL1
±10
µA
Input Current (with internal pull-down)
IIL2
±10 (@ 0V)
+400 (@ VDD)
µA
5V Tolerant I/O Input Current 1
IIL4
±10
-650
µA
Input Max Allowable Overshoot
(2.5V CMOS receivers)
VIMAO25
VDD + 0.6
V
Input Max Allowable Overshoot
(3.3V LVTTL receivers)
VIMAO3
OVDD + 0.6
V
Input Max Allowable Overshoot
(5.0V LVTTL receivers)
VIMAO5
+5.5
V
Input Max Allowable Undershoot
VIMAU
-0.6
V
Output Max Allowable Overshoot
VOMAO
OVDD + 0.3
V
Output Max Allowable Undershoot
VOMAU3
-0.6
V
Case Temperature
TC
-40
+85
°C
Notes:
1. See “5V-Tolerant I/O Input Current” on page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com