Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 40 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 40 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 42Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
40
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
External Bus Divider from PLB2, 3
C17
GPIO3[TS1O]
P18
GPIO4[TS2O]
Divide by 2
0
0
Divide by 3
0
1
Divide by 4
1
0
Divide by 5
1
1
ROM Width
Y5
UART1_Tx
W6
UART1_RTS/
UART1_DTR
8-bit ROM
0
0
16-bit ROM
0
1
32-bit ROM
1
0
Reserved
1
1
Note:
1. The tune bits adjust parameters that control PLL jitter. The recommended values minimize jitter for the PLL implemented in the
PPC405CR. These bits are shown for information only; and do not require modification except in special clocking circumstances such as
spread spectrum clocking. For details on the use of Spread Spectrum Clock Generators (SSCGs) with the PPC405CR, visit the technical
documents area of the AMCC PowerPC web site.
2. Not all combinations of dividers produce valid operating configurations. Frequencies must be within the limits specified in “Clocking
Specifications” on page 32. Further requirements are detailed in the Clocking chapter of the PowerPC 405CR Embedded Processor
User’s Manual.
3. Additional consideration must be given to pins that normally function as Trace signals. Improved design margin can be gained by using
three-state buffers instead of strapping resistors, and minimizing trace lengths and stubs.
Table 16. Strapping Pin Assignments (Sheet 2 of 2)
Function
Option
Ball Strapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com