Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 27 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 27 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 31Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
Revision 1.02 – January 11, 2005
AMCC
27
Data Sheet
GPIO1[TS1E]
GPIO2[TS2E]
General Purpose I/O
or
Even Trace execution status. To access this function, software must
toggle a DCR register bit.
I/O[O]
5V tolerant
3.3V LVTTL
1, 6
GPIO3[TS1O]
GPIO4[TS2O]
General Purpose I/O
or
Odd Trace execution status. To access this function, software must
toggle a DCR register bit.
I/O[O]
5V tolerant
3.3V LVTTL
1, 6
GPIO5:8[TS3:6]
General Purpose I/O
Trace status. To access this function, software must toggle a DCR
register bit.
I/O[O]
5V tolerant
3.3V LVTTL
1
GPIO9[TrcClk]
General Purpose I/O
or
Trace interface clock. A toggling signal that is always half of the CPU
core frequency. To access this function, software must toggle a DCR
register bit.
I/O[O]
5V tolerant
3.3V LVTTL
1
TestEn
Test Enable.
I
2.5V CMOS
w/pull-down
RcvrInh
Receiver Inhibit. Used only for manufacturing tests. Pull up for normal
operation.
I
5V tolerant
3.3V LVTTL
2
DrvrInh1:2
Driver Inhibit 1 and 2. Used only for manufacturing tests. Pull up for
normal operation.
I
5V tolerant
3.3V LVTTL
2
TmrClk
An external clock input than can be used as an alternative to SysClk
to run the CPU core. Which clock input is used is determined by
software settings.
I
5V tolerant
3.3V LVTTL
1
Power
GND
Ground
Note: Pins J9–J12, K9–K12, L9–L12, and M9–M12 are also thermal
balls.
AVDD
Filtered voltage input for PLL (analog) circuits
OVDD
Output driver voltage—3.3V
VDD
Logic voltage—2.5V
Other pins
Reserved
Connect G19 to GND. Do not connect signals, voltage, or ground to
any other reserved pins.
Table 6. Signal Functional Description (Sheet 5 of 5)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 21 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 21 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull-up or pull-down required.
7. Pull-up may be required. See “External Bus Control Signals” on page 22.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com