Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 6 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 6 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 10Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
6
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
Address Map Support
The PPC405CR incorporates two simple and separate address maps. The first address map defines the possible
use of address regions that the processor can access. The second address map is for Device Configuration Regis-
ters (DCRs). The DCRs are accessed by software running on the PPC405CR processor through the use of mtdcr
and mfdcr instructions.
Table 1. System Memory Address Map (4GB System Memory)
Function
Subfunction
Start Address
End Address
Size
General Use
SDRAM and External Peripherals
Note: Any of the address ranges listed at
right may be use for any of the above
functions.
0x00000000
0xEF5FFFFF
3830MB
0xF0000000
0xFFFFFFFF
256MB
Boot-up
Peripheral Bus Boot 1
0xFFE00000
0xFFFFFFFF
2MB
Internal Peripherals
UART0
0xEF600300
0xEF600307
8B
UART1
0xEF600400
0xEF600407
8B
IIC0
0xEF600500
0xEF60051F
32B
OPB Arbiter
0xEF600600
0xEF60063F
64B
GPIO Controller Registers
0xEF600700
0xEF60077F
128B
Notes:
1. When peripheral bus boot is selected, Peripheral bank 0 is automatically configured at reset to the address range listed above.
2. After the boot process, software may reassign the boot memory region for other uses.
3. All address ranges not listed above are reserved.
Table 2. DCR Address Map
Function
Start Address
End Address
Size
Total DCR Address Space1
0x000
0x3FF
1KW (4KB)1
Reserved
0x000
0x00F
16W
Memory Controller Registers
0x010
0x011
2W
External Bus Controller Registers
0x012
0x013
2W
Decompression Controller Registers
0x014
0x015
2W
Reserved
0x016
0x07F
106W
PLB Registers
0x080
0x08F
16W
Reserved
0x090
0x09F
16W
OPB Bridge Out Registers
0x0A0
0x0A7
8W
Reserved
0x0A8
0x0AF
8W
Clock, Control, and Reset
0x0B0
0x0B7
8W
Power Management
0x0B8
0x0BF
8W
Interrupt Controller
0x0C0
0x0CF
16W
Reserved
0x0D0
0x0FF
48W
DMA Controller Registers
0x100
0x13F
64W
Reserved
0x140
0x3FF
704W
Notes:
1. DCR address space is addressable with up to 10 bits (1024 or 1K unique addresses). Each unique address represents a single 32-bit
(word) register, or 1 kiloword (KW) (which equals 4 KB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com