Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 22 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 22 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 26Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
22
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
If your system-level test methodology permits, input-only signals can be connected together and terminated
through either a common resistor or directly to +3.3V or GND. When a resistor is used, its value must ensure that
the grouped I/Os reach a valid logic zero or logic one state when accounting for the total input current into the
PPC405CR.
Unused I/Os
Strapping of some pins may be necessary when they are unused. Although the PPC405CR requires only the pull-
up and pull-down terminations as specified in the “Signal Functional Description” on page 23, good design practice
is to terminate all unused inputs or to configure I/Os such that they always drive. If unused, the peripheral and
SDRAM buses should be configured and terminated as follows:
• Peripheral interface—PerAddr0:31, PerData0:31, and all of the control signals are driven by default. Termi-
nate PerReady high and PerError low.
• SDRAM—Program SDRAM0_CFG[EMDULR]=1 and SDRAM0_CFG[DCE]=1. This causes the PPC405CR
to actively drive all of the SDRAM address, data, and control signals.
External Bus Control Signals
All peripheral bus control signals (PerCS0:7, PerR/W, PerWBE0:3, PerOE, PerWE, PerBLast, HoldAck, ExtAck)
are set to the high-impedance state when ExtReset=0. In addition, as detailed in the PowerPC 405CR Embedded
Processor User’s Manual, the peripheral bus controller can be programmed via EBC0_CFG to float some of these
control signals between transactions and/or when an external master owns the peripheral bus. As a result, a pull-
up resistor should be added to those control signals where an undriven state may affect any devices receiving that
particular signal.
The following table lists all of the I/O signals provided by the PPC405CR. Please refer to “Signals Listed Alphabet-
ically” on page 11 for the pin number to which each signal is assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com