Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 31 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 31 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 35Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
Revision 1.02 – January 11, 2005
AMCC
31
Data Sheet
Test Conditions
Clock timing and switching characteristics are specified in accordance with
operating conditions shown in the table “Recommended DC Operating
Conditions.” AC specifications are characterized at OVDD = 3V and TJ =
+85°C with the 50pF test load shown in the figure at right.
Table 10. DC Electrical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Active Operating Current (VDD)—133MHz
IDD
TBD
TBD
mA
Active Operating Current (OVDD)—133MHz
IODD
TBD
TBD
mA
Active Operating Current (VDD)—200MHz
IDD
400
610
mA
Active Operating Current (OVDD)—200MHz
IODD
35
40
mA
Active Operating Current (VDD)—266MHz
IDD
TBD
TBD
mA
Active Operating Current (OVDD)—266MHz
IODD
TBD
TBD
mA
PLL VDD Input current
IPLL
16
23
mA
Note:
1. Maximum power is characterized at VDD = 2.7V, OVDD = 3.6V, TC = 85°C, across the silicon process (worse case to best case), while
running an application designed to maximize power consumption. The specification at 200MHz corresponds to CPU = 200 MHz, PLB =
100MHz, OPB = EBC = 50MHz. The 266MHz maximum power was measured with CPU = 266.6MHz, PLB =133.3MHz, OPB = EBC =
66.6MHz.
2. AVDD should be derived from VDD using the following circuit:
VDD
C1
C2
C3
AVDD
L1
L1 – 2.2
µH SMT inductor (equivalent to MuRata
LQH3C2R2M34) or SMT chip ferrite bead (equivalent
to MuRata BLM31A700S)
C1 – 3.3
µF SMT tantalum
C2 – 0.1
µF SMT monolithic ceramic capacitor with X7R
dielectric or equivalent
C3 – 0.01
µF SMT monolithic ceramic capacitor with X7R
dielectric or equivalent
+
AGND
GND
Output
Pin
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com