Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 36 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 36 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 40Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
36
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
Notes: 1. In all of the following I/O Specifications tables a timing value of na means “not applicable” and dc means
“don’t care.”
2. See “Test Conditions” on page 31 for output capacitive loading.
3. I/O H is specified at 2.4V; I/O L is specified at 0.4V
Table 13. I/O Specifications—All speeds
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(min)
I/O L
(min)
Internal Peripheral Interface
IICSCL
n/a
n/a
n/a
n/a
19
12
IICSDA
n/a
n/a
n/a
n/a
19
12
UART0_CTS
n/a
n/a
12
8
UART0_DCD
n/a
n/a
12
8
UART0_DSR
n/a
n/a
12
8
UART0_DTR
12
8
UART0_RI
n/a
n/a
12
8
UART0_RTS
n/a
n/a
12
8
UART0_Rx
n/a
n/a
12
8
UART0_Tx
n/a
n/a
12
8
UART1_RTS
[UART1_DTR]
n/a
n/a
12
8
UART1_DSR
[UART1_CTS]
n/a
n/a
n/a
n/a
UART1_Rx
n/a
n/a
n/a
n/a
UART1_Tx
n/a
n/a
12
8
UARTSerClk
n/a
n/a
n/a
n/a
Interrupts Interface
IRQ0:6[GPIO17:23]
12
8
JTAG Interface
TCK
n/a
n/a
async
TDI
n/a
n/a
async
TDO
12
8
async
TMS
n/a
n/a
async
TRST
n/a
n/a
async
System Interface
DrvrInh1:2
dc
dc
n/a
n/a
n/a
n/a
GPIO1[TS1E]
GPIO2[TS2E]
GPIO3[TS1O]
GPIO4[TS2O]
GPIO5[TS3]
GPIO6[TS4]
GPIO7[TS5]
GPIO8[TS6]
GPIO9[TrcClk]
12
8
Halt
dc
dc
n/a
n/a
n/a
n/a
async
RcvrInh
dc
dc
n/a
n/a
n/a
n/a
SysClk
n/an/a
n/an/a
SysErr
n/a
n/a
12
8
async
SysReset
10
1128
async
TestEn
dc
dc
n/a
n/a
n/a
n/a
async
TmrClk
dc
dc
n/a
n/a
n/a
n/a
async



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com