Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 34 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 34 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 38Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
34
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
Table 12. Peripheral Interface Clock Timings
Parameter
Min
Max
Units
PerClk output frequency—133MHz
–
33.33
MHz
PerClk period—133MHz
30
–
ns
PerClk output frequency—200MHz
–
50
MHz
PerClk period—200MHz
20
–
ns
PerClk output frequency—266MHz
–
66.66
MHz
PerClk period—266MHz
15
–
ns
PerClk output high time
45% of nominal period
55% of nominal period
ns
PerClk output low time
45% of nominal period
55% of nominal period
ns
PerClk clock edge stability (phase jitter, cycle to cycle)
± 0.3
ns
UARTSerClk input frequency (Note 1)
–
1000/(2TOPB+2ns)
MHz
UARTSerClk period
2TOPB+2
–ns
UARTSerClk input high time
TOPB+1
–ns
UARTSerClk input low time
TOPB+1
–ns
TmrClk input frequency—133MHz
–
33.33
MHz
TmrClk period—133MHz
30
–
ns
TmrClk input frequency—200MHz
–
50
MHz
TmrClk period—200MHz
20
–
ns
TmrClk input frequency—266MHz
–
66.66
MHz
TmrClk period—266MHz
15
–
ns
TmrClk input high time
40% of nominal period
60% of nominal period
ns
TmrClk input low time
40% of nominal period
60% of nominal period
ns
Notes:
1. TOPB is the period in ns of the OPB clock. The internal OPB clock runs at 1/2 the frequency of the PLB clock. The maximum OPB clock
frequency is 50MHz for 200MHz parts and 66.66MHz.for 266MHz parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com