Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 38 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 38 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 42Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
38
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
Table 15. I/O Specifications—266MHz
Notes:
1. The SDRAM command interface is configurable through SDRAM0_TR[LDF] to provide a 2 to 4 cycle delay before the
command is used by SDRAM.
2. SDRAM I/O timings are specified relative to a MemClkOut terminated into a lumped 10pF load.
3. SDRAM interface hold times are guaranteed at the PPC405CR package pin. System designers must use the PPC405CR
IBIS model (available from www.amcc.com) to ensure their clock distribution topology minimizes loading and reflections,
and that the relative delays on clock wiring do not exceed the delays on other SDRAM signal wiring.
4. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 0.8ns.
5. I/O H is specified at 2.4 V and I/O L is specified at 0.4 V.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(min)
I/O L
(min)
SDRAM Interface
BA1:0
n/a
n/a
5.5
1
19
12
MemClkOut
1, 2
BankSel0:3
n/a
n/a
4.5
1
19
12
MemClkOut
2
CAS
n/a
n/a
5.5
1
19
12
MemClkOut
1, 2
ClkEn0:1
n/a
n/a
3.9
1
40
25
MemClkOut
2
DQM0:3
n/a
n/a
4.9
1
19
12
MemClkOut
2
DQMCB
n/a
n/a
4.7
1
19
12
MemClkOut
2
ECC0:7
1.5
1
4.7
1
19
12
MemClkOut
2
MemAddr12:0
n/a
n/a
5.9
1
19
12
MemClkOut
1, 2
MemData0:31
1.5
1
4.8
1
19
12
MemClkOut
2
RAS
n/a
n/a
5.6
1
19
12
MemClkOut
1, 2
WE
n/a
n/a
5.6
1
19
12
MemClkOut
1, 2
External Slave Peripheral Interface
DMAAck0:3
n/a
n/a
6
0
12
8
PerClk
DMAReq0:3
dc
dc
n/a
n/a
n/a
n/a
PerClk
EOT0:3/TC0:3
dc
dc
8
0
12
8
PerClk
PerAddr0:31
3
1
8
0
19
12
PerClk
PerBLast
3.5
1
6
0
12
8
PerClk
PerCS0
PerCS1:7[GPIO10:16]
n/a
n/a
6
0
12
8
PerClk
PerData0:31
5
1
8
0
19
12
PerClk
PerOE
n/a
n/a
6
0
12
8
PerClk
PerPar0:3
3.5
1
8
0
19
12
PerClk
PerR/W
4
1
6
0
12
8
PerClk
PerReady
6.5
1
n/a
n/a
n/a
n/a
PerClk
PerWBE0:3
3
1
6
0
12
8
PerClk
External Master Peripheral Interface
BusReq
n/a
n/a
6
0
12
8
PerClk
ExtAck
n/a
n/a
6
0
12
8
PerClk
ExtReq
5
1
n/a
n/a
n/a
n/a
PerClk
ExtReset
n/a
n/a
6
0
19
12
PerClk
HoldAck
n/a
n/a
6
0
12
8
PerClk
HoldPri
3
1
n/a
n/a
n/a
n/a
PerClk
HoldReq
5
1
n/a
n/a
n/a
n/a
PerClk
PerClk
n/a
n/a
0.9
0.9
19
12
PLB Clk
4
PerErr
3
1
n/a
n/a
n/a
n/a
PerClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com