Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PPC405CR Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
4
AMCC
Revision 1.02 – January 11, 2005
Data Sheet
Ordering, PVR, and JTAG Information
This section provides the part numbering nomenclature for the PPC405CR. For availability, contact your local
AMCC sales office.
Each part number contains a revision code. This refers to the die mask revision number and is specified in the part
numbering scheme for identification purposes only.
The PVR (Processor Version Register) is software accessible and contains additional information about the revi-
sion level of the part. Refer to the PPC405CR Embedded Processor User’s Manual for details on the register
content.
Part Number Key
Product Name
Order Part Number1, 2
Processor
Frequency
Package
Rev
Level
PVR Value
JTAG ID
PPC405CR
PPC405CR-3BC133C
133MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3BC133CZ
133MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3KC133C
133MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3KC133CZ
133MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3BC200C
200MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3BC200CZ
200MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3KC200C
200MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3KC200CZ
200MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3BC266C
266MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3BC266CZ
266MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3KC266C
266MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
PPC405CR
PPC405CR-3KC266CZ
266MHz
27mm, 316 ball E-PBGA
C
0x40110145
0x42051049
Notes: 1. Z at the end of the Order Part Number indicates a tape and reel shipping package. Otherwise, the chips are shipped in a tray.
2. Package type B contains lead; package type K is lead-free.
Part Number
PPC405CR-3BC266Cx
Package (E-PBGA)
Processor Speed
Grade 3 Reliability
Operational Case Temperature
Revision Level
Shipping Package
Blank = Tray
Z = Tape and reel
(-40°C to +85°C)
Range
200MHz
266MHz
133MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com