Electronic Components Datasheet Search
  English  ▼

X  

PPC405CR Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  PPC405CR Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
Revision 1.02 – January 11, 2005
AMCC
3
Data Sheet
List of Figures
Figure 1. PPC405CR Embedded Controller Functional Block Diagram .................................................................. 5
Figure 2. 27mm, 316-Ball E-PBGA Package ......................................................................................................... 10
Figure 3. Package Thermal Specifications ............................................................................................................ 28
Figure 4. 5V-Tolerant I/O Input Current ................................................................................................................. 30
Figure 5. Timing Waveform .................................................................................................................................... 32
Figure 6. Input Setup and Hold Waveform ............................................................................................................. 35
Figure 7. Output Delay and Float Timing Waveform .............................................................................................. 35
List of Tables
Table 1. System Memory Address Map 4GB System Memory ................................................................................ 6
Table 2. DCR Address Map 4KB Device Configuration Register ............................................................................. 6
Table 3. Signals Listed Alphabetically ................................................................................................................... 11
Table 4. Signals Listed by Ball Assignment ........................................................................................................... 18
Table 5. Pin Summary ........................................................................................................................................... 21
Table 6. Signal Functional Description .................................................................................................................. 23
Table 7. Absolute Maximum Ratings ..................................................................................................................... 28
Table 8. Recommended DC Operating Conditions ................................................................................................ 29
Table 9. Input Capacitance .................................................................................................................................... 30
Table 10. Clocking Specifications .......................................................................................................................... 32
Table 11. Peripheral Interface Clock Timings ........................................................................................................ 34
Table 12. I/O Specifications—All speeds ............................................................................................................... 36
Table 13. I/O Specifications—133 and 200MHz .................................................................................................... 37
Table 14. I/O Specifications—266MHz .................................................................................................................. 38
Table 15. Strapping Pin Assignments .................................................................................................................... 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com