Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Pad Descriptions
Pad No.
Pad Name
I/O
Mask Option
Description
37~1
114~112
SEG0~SEG39
O
¾
LCD segment signal output
53~38
COM0~COM15
O
¾
LCD common signal output
54~57
VOUT11, VOUT22
VOUT33, VOUT44
O
¾
LCD driving power generated
62, 61,
60, 58
CAP1, CAP2,
CAP3, CAP4
¾¾
LCD system voltage booster condenser connecting termi-
nal.
59, 63
66, 67
TRIM1~TRIM4
¾¾
Test pin only
64
VSS
¾¾
Negative power supply, ground
68
65
OSCI
OSCO
I
O
Crystal or RC
OSCI and OSCO are connected to an RC network or a crys-
tal (by mask option) for the internal system clock. In the
case of RC operation,OSCI is connected to the RC network
of the internal system clock.
69
VDD
¾¾
Positive power supply
70
INT/SIN
I
INT or Serial
Data Input
Selectable as external interrupt Schmitt trigger input or serial
data input by mask option. External interrupt Schmitt trigger
input with pull-high resistor. Edge triggered activated on INT
or Serial data input a high to low transition. Serial data input
with pull-high resistor. INT shares pad with SIN.
71
RES
I
¾
Schmitt trigger reset input. Active low without pull-high re-
sistor.
72
PWM2/AUD
O
PWM2 CMOS
Output or
AUD Output
Selectable as negative PWM CMOS output or audio output
by mask option. PWM2 share pad with AUD.
73
PB0/PWM1
I/O
or
O
I/O or
PWM1 CMOS
Output
Selectable as bidirectional input/output or positive PWM
CMOS output by mask option. On bidirectional input/output
mode, software instructions determine whether each pad is
a CMOS output or Schmitt trigger input with pull-high resis-
tor. PB0 shares pad with PWM1.
74
PB7/TMR0
I/O
or
I
I/O or
TMR0 Input
Selectable as bidirectional input/output or TMR0 input by
mask option. On bidirectional input/output mode, software
instructions determine whether it is a CMOS output or
Schmitt trigger input with pull-high resistor. On TMR0 input
mode, it uses Timer/Event Counter 0. Software can be
optioned with or without pull-high resistor. PB7 shares pad
with TMR0.
75
PB6/TMR1/RTF
I/O
or
I
I/O or
TMR1 Input
or
RTF Input
Selectable as bidirectional input/output or TMR1 input or
RTF input by mask option. On bidirectional input/output
mode, software instructions determine whether it is a
CMOS output or Schmitt trigger input with pull-high resistor.
On TMR1 and RTF input mode, it uses Timer/Event Coun-
ter 1. Software can be optioned with or without pull-high re-
sister and be option the RTF function disable or enable.
PB6 and TMR1 share pad with RTF.
HTG2190
Rev. 1.20
6
July 5, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com