Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
HTG2190
Rev. 1.20
16
July 5, 2002
SSL3
SSL2
SSL1
SSL0
Description
x0
0
0
The Pad of common 0 is connected to common 0 signal and the Pad of
common 1 is connected to common 1 signal and so on.
x0
0
1
The Pad of common 0 is connected to common 1 signal and the Pad of
common 1 is connected to common 2 signal and so on.
x0
1
0
The Pad of common 0 is connected to common 2 signal and the Pad of
common 1 is connected to common 3 signal and so on.
x0
1
1
The Pad of common 0 is connected to common 3 signal and the Pad of
common 1 is connected to common 4 signal and so on.
x1
0
0
The Pad of common 0 is connected to common 4 signal and the Pad of
common 1 is connected to common 5 signal and so on.
x1
0
1
The Pad of common 0 is connected to common 5 signal and the Pad of
common 1 is connected to common 6 signal and so on.
x1
1
0
The Pad of common 0 is connected to common 6 signal and the Pad of
common 1 is connected to common 7 signal and so on.
x1
1
1
The Pad of common 0 is connected to common 7 signal and the Pad of
common 1 is connected to common 0 signal and so on.
COMR register
Indirect addressing register
Locations 00H and 02H are indirect addressing regis-
ters that are not physically implemented. Any read/write
operation of [00H] and [02H] access data memory
pointed to by MP0 (01H) and MP1 (03H) respectively.
Reading location 00H or 02H indirectly returns the result
00H, while writing to it indirectly results in no operation.
The data movement function between two indirect ad-
dressing registers is not supported. The memory pointer
registers MP0 and MP1, are 8-bit registers used to ac-
cess the data memory by combining corresponding indi-
rect addressing registers, Bank1~Bank11, Bank14 and
Bank15 can use MP1 only.
Accumulator
The accumulator closely relates to ALU operations. It is
also mapped to location 05H of the data memory and is
the one which can operate with immediate data. The
data movement between two data memory must pass
through the accumulator.
Arithmetic and logic unit
- ALU
This circuit performs 8-bit arithmetic and logic operation.
The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB,
SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation but
can also change the status register.
Status register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PD) and Watchdog time-out flag (TO).
It also records the status information and controls the oper-
ation sequence.
With the exception of the TO and PD flags, bits in the
status register can be altered by instructions like any
other register. Any data written into the status register
will not change the TO or PD flags. In addition, opera-
tions related to the status register may give different re-
sults from those intended. The TO and PD flags can only
be changed by a system power up, Watchdog Timer
overflow, executing the HALT instruction and clearing
the Watchdog Timer.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status register are important and the subroutine can
corrupt the status register, the programmer must take
precautions to save it properly.
Interrupt
The HTG2190 provides external and a PWM D/A inter-
rupt and internal timer/event counter interrupts. The in-
terrupt control register (INTC;0BH, INTCH;1EH) contains
the interrupt control bits to set the enable/disable and the
interrupt request flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com