Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 27Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 28Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 29Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 30Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
HTG2190
Rev. 1.20
27
July 5, 2002
BZ/SP
6/7
Bit
F1
F2
(Sampling
Rate)
Device
0
0
F0
F0/64
32
W speaker
0
1
F0
F0/128
32
W speaker
1
0
F0
F0/64
Buzzer/8
W speaker
1
1
F0
F0/128
Buzzer/8
W speaker
Note:
²F1² for PWM modulation clock and F2 for sam-
pling clock
²F0² fSYS/(n+1) n=0~7 (n:3 bits preload counter)
On the above table, we can easily see that the sampling
rate is dependent on the system clock. If start bit is set to
²1², the PWM2 and PWM1 will output a GND level volt-
age.
Label
Bits
Function
PWM dis/EN
0
Enable/disable PWM output
0: enable, 1: disable
BZ/SP
1
Output driver select
1:buzzer ; 0:speaker
6/7 Bits
2
PWM counter bit select
1:7 bits ; 0:6 bits
P0~P2
3~5
3 bits preload counter
Bit543: 000B~111B (0~7)
Bit3: LSB
D0, D1
6, 7 PWMI
PWMC register
D1
D0
PWM Interrupt
001
012
104
118
The ratio of latch to interrupt
Bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
7-bit
D7
D6
D5
D4
D3
D2
D1
D0
6-bit
D7
D6
D5
D4
D3
D2
D1
X
PWM data buffer
Note:
²X² stands for don¢t care
bit7: Sign bit
Serial I/O interface function
The serial interface of the HTG2190 has two types of op-
eration mode: master mode and slave mode.
In the master mode, it uses an internal clock as synchro-
nous clock. In the slave mode, the synchronous output
from the external (master side) serial device is input.
The master mode and slave mode are selected through
registers SERC.2 and SERC.3; when the master mode
is selected, a synchronous clock may be selected from
among 2 types as shown in table.
SERC.3
SERC.2
Mode
Synchronous
Clock
1
1
Slave mode
External clock
1
0
Master mode
SCLKS
0
1
Master mode
SCLKX
0
0
No used
. 0
P W M d i s / E N
. 1
. 2
O n e s a m p l i n g t i m e
1 2 8 c l o c k
L a t c h
3 2 k H z
7 bits PWM counter bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com