Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
HTG2190
Rev. 1.20
23
July 5, 2002
rectly. It must read the TMR0H first to ensure that the
low byte contents of Timer/Event Counter 0 are latched
into the buffer.
There are three registers related to the Timer/Event
Counter 1; TMR1H (0FH), TMR1L (10H), TMR1C (11H).
The Timer/Event Counter 1 operates in the same manner
as Timer/Event Counter 0.
The TMR0C is the Timer/Event Counter 0 control regis-
ter, which defines the Timer/Event Counter 0 options.
The Timer/Event Counter 1 has the same options as the
Timer/Event Counter 0 and is defined by TMR1C.
The timer/event counter control registers define the op-
erating mode, counting enable or disable and active
edge.
The TM0, TM1 bits define the operating mode. The
event count mode is used to count external events,
which implies that the clock source comes from an ex-
ternal (TMR0/TMR1) pin. The timer mode functions as a
normal timer with the clock source coming from the in-
struction clock. The pulse width measurement mode
can be used to count the high or low level duration of an
external signal (TMR0/TMR1). The counting method is
based on the instruction clock.
In the event count or timer mode, once the timer/event
counter starts counting, it will count from the current
contents in the timer/event counter to FFFFH. Once
overflow occurs, the counter is reloaded from the
timer/event counter preload register and generates a
corresponding interrupt request flag (T0F/T1F; bit 5/6 of
INTC) at the same time.
To enable the counting operation, the Timer ON bit
(TON; bit 4 of TMR0C/TMR1C) should be set to 1. In the
pulse width measurement mode, TON will be cleared
automatically after the measurement cycle is complete.
But in the other two modes TON can only be reset by in-
struction. The overflow of the timer/event counter is one
of the wake-up sources. No matter what the operation
mode is, writinga0to ET0I/ET1I can disable the corre-
sponding interrupt service.
In the case of a timer/event counter OFF condition, writ-
ing data to the timer/event counter preload register will
also reload that data to the timer/event counter. But if the
timer/event counter is turned on, data written to the
timer/event counter will only be kept in the
timer/event counter preload register. The timer/event
counter will continue to operate until an overflow oc-
curs.
When the timer/event counter (reading TMR0H/
TMR1H) is read, the clock will be blocked to avoid er-
rors. As this may result in a counting error, this must
be taken into consideration by the programmer.
Low voltage detect function (LVD)
The HTG2190 provides low voltage detect to monitor
the supply voltage of devices. The user can use the
x
¢talc.4 to enable/disable (1/0) the LVD function and
read the LVD detect status (0/1) from x
¢talc.4 otherwise,
the LVD function is disabled. If the x
¢talc.4 is ²1², means
low battery otherwise if still work (VD=(V22+150mV)
±
100mV, VD means voltage detect value).
R to F function
The HTG2190 provides an
²RtoF² (Resistor to Fre-
quency) function for temperature measurement and so
on.
The application circuit is shown below.
R1 is a fixed resistor about 10k
W for reference, while R2
is a thermistor whose resistance is variable according to
the temperature. C is a capacitance about 2200pF for
charge and discharge purposes. It should be noted that,
if the R to F function is selected, the pull-high resistors of
TMR1. The TMR1 pull-high resistor can be disabled by
software instruction. The related frequency of R1 is
measured by setting PB3 to be an output pin and PB2 to
be an input pin. Then set the PB3 to be a source current
to charge the capacitance C. If the charged voltage ar-
H T G 2 1 9 0
P B 2
P B 3
T M R 1
R 1
R 2
C
R to F application circuit
M a x
T o T i m e r 1
S 1
1
0
R T M R 1 ( X ' T A L C . 3 )
T M R 1
R - . ( X ' T A L C . 1 )
V D D
R to F structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com