Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
HTG2190
Rev. 1.20
14
July 5, 2002
16COM, 1/4bias LCD clock source=32768Hz
On the BW LCD Mode: Bank14 has a general purpose data RAM and for Bank15, every 1 bit stands for one dot on the
LCD. If the bits is not 0, the light of the dot on the LCD will be turned on. If the bits is 0, then it will be turned off. Only MP1
can deal with the memory of this range. The contrast form of RAM location, COMMON and SEGMENT is as follows:
Address
80H
81H
82H
83H
84H
85H --------------------91H
92H
----
----
----
BFH
COM0
Bit0
COM1
Bit1
COM2
Bit2
COM3
Bit3
COM4
Bit4
COM5
Bit5
COM6
Bit6
COM7
Bit7
Address
C0H
C1H
C2H
C3H
C4H
C5H -------------------------
----
----
----
FEH
FFH
COM8
Bit0
COM9
Bit1
COM10
Bit2
COM11
Bit3
COM12
Bit4
COM13
Bit5
COM14
Bit6
COM15
Bit7
SEG0 SEG1 SEG2 SEG3 SEG4 SEG5 -------------SEG17 SEG18
----
----
----
SEG63
LCD display memory: (Bank15)
C O M 0
V D D
3 / 4 V D D
2 / 4 V D D
1 / 4 V D D
G N D
V L C D
V D D
3 / 4 V D D
2 / 4 V D D
1 / 4 V D D
G N D
W
w '
w '
1 / 4 V L C D
- 1 / 4 V L C D
- V L C D
6 4 H z
O N
O . .
1 6
1
2
1 6
1
2
S E G
C O M 0 - S E G
N o t e : W ' R e a l a c t i v e s e g m e n t s i g n a l w i d t h W ' =
( a d j u s t a b l e w i d t h b y R A M A d d r e s s
2 B H , 2 C H , 2 D H b i t 0 ~ b i t 4 )
W : M a x . a c t i v e s e g m e n t s i g n a l w i d t h
1 W
3 2
3 1 W
3 2
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com