Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 27Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 28Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 29Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 30Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 31Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
HTG2190
Rev. 1.20
28
July 5, 2002
SOUT is latch data at H to L by fixed mode
SERC
SCLKX
SCLKS
b6
b5
b4
0
0
0
16K
fSYS/4
00
1
8K
fSYS/8
01
0
4K
fSYS/16
01
1
2K
fSYS/32
10
0
1K
fSYS/64
1
0
1
512
fSYS/128
1
1
0
256
fSYS/256
1
1
1
128
fSYS/512
At initial reset, the slave mode (external clock mode) is
selected. Moreover, the synchronous clock, along with
the input/output of the 8 bits serial data, is controlled as
follows:
· At master mode, after output of 8 clock from the SCLK
terminal, clock output is automatically suspended and
SCLK terminal is fixed at high level.
· At slave mode, after input of 8 clocks to the terminal,
subsequent clock inputs are masked.
Serial data output
By setting the parallel data to serial data registers
SERDATA individually and writing
²0² to SERC.0, it syn-
chronizes with the synchronous clock and serial data is
output at the SOUT terminal.
S y s t e m C l o c k
P r e s c a l e r
P W M D a t a
B u f f e r ( 2 8 H )
7 - b i t C o u n t e r
D a t a B u s
O v e r f l o w
. 0
S t a r t b i t
2 7 H . 0
D i v .
P W M I
. 2
C K
P E
D
C K
R
S i g n b i t
. 1
P W M D A C 1 f o r B Z
P W M D A C 2 f o r B Z
V D D
Q
Q
27H.1=1 buzzer
S y s t e m c l o c k
P r e s c a l e r
P W M D a t a
B u f f e r ( 2 8 H )
7 B i t s C o u n t e r
D a t a B u s
O v e r f l o w
P W M D A C 1 f o r 3 2 W S P K
. 0
S t a r t b i t
2 7 H . 0
D i v .
P W M I
. 2
C K
P E
D
C K
R
V D D
. 1
Q
Q
P W M D A C 2 f o r 3 2 W S P K
27H.1=0 speaker
S C L K
S O U T
S I N
I n p u t T e r m i n a l
C L K
S O U T
S I N
P B 2
H T G 2 1 9 0
E x t e r n a l
S e r i a l D e v i c e
( a ) M a s t e r m o d e
S C L K
S O U T
S I N
P B 2
C L K
S O U T
S I N
I n p u t T e r m i n a l
H T G 2 1 9 0
E x t e r n a l
S e r i a l D e v i c e
( b ) S l a v e m o d e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com