Electronic Components Datasheet Search
  English  ▼

X  

HTG2190 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
HTG2190
Rev. 1.20
11
July 5, 2002
higher-order byte of the table word are transferred to
the TBLH. The Table Higher-order byte register
(TBLH) is read only. The Table Pointer (TBHP, TBLP)
is a read/write register (1FH, 07H), used to indicate
the table location. Before accessing the table, the lo-
cation must be placed in TBLP. The TBLH is read only
and cannot be restored. If the main routine and the
ISR (Interrupt Service Routine) both employ the table
read instruction, the contents of the TBLH in the main
routine are likely to be changed by the table read in-
struction used in the ISR. If this happens errors can
occur. In other words, using the table read instruction
in the main routine and the ISR simultaneously should
be avoided. However, if the table read instruction has
to be applied in both the main routine and the ISR, the
interrupt(s) should be disabled prior to the table read
instruction. It should not be enabled until the TBLH
has been backed up. All table related instructions
need two cycles to complete the operation. These ar-
eas may function as normal program memory de-
pending upon requirements.
Stack register
- STACK
This is a special part of memory which is used to save
the contents of the program counter (PC) only. The
stack is organized into 8 levels and is neither part of the
data nor program space, and is neither readable nor
writeable. The activated level is indexed by the stack
pointer (SP) and is neither readable nor writeable. At a
subroutine call or interrupt acknowledgment, the con-
tents of the program counter are pushed onto the stack.
At the end of a subroutine or an interrupt routine, sig-
naled by a return instruction (RET or RETI), the program
counter is restored to its previous value from the stack.
After a chip reset, the SP will point to the top of the stack.
If the stack is full and a non-masked interrupt takes place,
the interrupt request flag will be recorded but the acknowl-
edge will be inhibited. When the stack pointer is decre-
mented (by RET or RETI), the interrupt will be serviced.
This feature prevents stack overflow allowing the pro-
grammer to use the structure more easily.
In a similar case, if the stack is full and a CALL is subse-
quently executed, stack overflow occurs and the first en-
try will be lost (only the most recent eight return address
are stored).
Data memory
- RAM
· Bank 0 (BP4~BP0=00000)
The Bank 0 data memory includes special purpose
and general purpose memory. The special purpose
memory is addressed from 00H to 3FH. All data mem-
ory areas can handle arithmetic, logic, increment,
decrement and rotate operations directly. Except for
some dedicated bits, each bit in the data memory can
be set and reset by the SET [m].i and CLR [m].i in-
structions, respectively. They are also indirectly ac-
cessible through the memory pointer registers
(MP0;01H, MP1;03H).
· Bank 1~11 (BP4~BP0=0001B~1011B)
The range of RAM starting from 40H to FFH are for
general purpose. Only MP1 can deal with the memory
of this range.
T M R 2
T M R 2 C
I N T C 1
T B H P
T M R 3
T M R 3 C
P W M C
P W M
X ' T A L C
C O L 3
C o m m o n P a d A d d r e s s R o t a t o r
D / A D a t a L o w e r - o r d e r B y t e R e g i s t e r
D / A D a t a H i g h e r - o r d e r B y t e R e g i s t e r
V o l u m e C o n t r o l R e g i s t e r
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 . H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C 0
T M R 0 H
T M R 0 L
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P E
P E C
P A I / O D a t a R e g i s t e r
P A I / O C o n t r o l R e g i s t e r
P B I / O D a t a R e g i s t e r
P B I / O C o n t r o l R e g i s t e r
P C I / O D a t a R e g i s t e r
P C I / O C o n t r o l R e g i s t e r
P D I / O D a t a R e g i s t e r
P D I / O C o n t r o l
P E I / O D a t a R e g i s t e r
P E I / O C o n t r o l R e g i s t e r
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M e m o r y P o i n t e r 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M e m o r y P o i n t e r 1
B a n k P o i n t e r
A c c u m u l a t o r
P r o g r a m C o u n t e r L o w e r - b y t e R e g i s t e r
T a b l e P o i n t e r L o w e r - o r d e r B y t e R e g i s t e r
T a b l e H i g h e r - o r d e r B y t e R e g i s t e r
W a t c h d o g T i m e r O p t i o n S e t t i n g R e g i s t e r
S t a t u s R e g i s t e r
I n t e r r u p t C o n t r o l R e g i s t e r 0
T i m e r C o u n t e r 0 H i g h e r - o r d e r B y t e R e g i s t e r
T i m e r C o u n t e r 0 L o w e r - o r d e r B y t e R e g i s t e r
T i m e r C o u n t e r 0 C o n t r o l R e g i s t e r
T i m e r / E v e n t C o u n t e r 1 H i g h e r - o r d e r B y t e R e g i s t e r
T i m e r / E v e n t C o u n t e r 1 L o w - o r d e r B y t e R e g i s t e r
T i m e r / E v e n t C o u n t e r 1 C o n t r o l R e g i s t e r
S p e c i a l P u r p o s e
D a t a M e m o r y
I n t e r r u p t C o n t r o l R e g i s t e r 1
T a b l e P o i n t e r H i g h e r - o r d e r B y t e R e g i s t e r
T i m e r 2 R e g i s t e r
T i m e r 2 C o n t r o l R e g i s t e r
T i m e r 3 R e g i s t e r
T i m e r 3 C o n t r o l R e g i s t e r
X ' t a l . a s t O s c i l l a t o r u p C o n t r o l
P W M C o n t r o l
P W M D a t a
S e r i a l C o n t r o l
S e r i a l D a t a
C o l o r 0 P a l e t t e s
C o l o r 1 P a l e t t e s
C o l o r 2 P a l e t t e s
C o l o r 3 P a l e t t e s
B a n k 1 4 D a t a M e m o r y
( 1 2 8 B y t e )
G e n e r a l P u r p o s e
B a n k 0 D a t a M e m o r y
( 1 9 2 B y t e )
B a n k 1 5 D a t a M e m o r y
( 1 2 8 B y t e )
G e n e r a l P u r p o s e
B a n k 1 1 D a t a M e m o r y
( 1 9 2 B y t e )
G e n e r a l P u r p o s e
B a n k 1 D a t a M e m o r y
( 1 9 2 B y t e )
C O M R
D A L
D A H
V O L C
S E R C
S E R D A T A
C O L 0
C O L 1
C O L 2
1 D H
1 E H
1 . H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 . H
3 0 H
3 1 H
3 2 H
3 3 H
3 . H
4 0 H
. . H
4 0 H
. . H
4 0 H
. . H
8 0 H
. . H
8 0 H
. . H
: U n u s e d
RAM mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com